| 전자부품 데이터시트 검색엔진 |
|
AS8501TR 데이터시트(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8501TR 데이터시트(HTML) 21 Page - ams AG |
|
21 / 40 page ![]() AS8501 - Preliminary Data Sheet austriamicrosystems Revision 1.1, 04-April-06 www.austriamicrosystems.com Page 21 of 40 Calibration constant selection truth table Nr. cu2 cu1 cu0 M1 g1 g0 CAL CONST NOTE 0 x x x 1 0 0 CGI1 1) 1 x x x 1 0 1 CGI2 1) 2 x x x 1 1 0 CGI3 1) 3 x x x 1 1 1 CGI4 1) 4 0 0 0 0 x x CAU0 2) 5 0 0 1 0 x x CAU1 2) 6 0 1 0 0 x x CAU2 2) 7 0 1 1 0 x x CAU3 2) 8 1 0 0 0 x x CAU4 2) 9 1 0 1 0 x x CAU5 2) 10 1 1 0 0 x x 1548 11 1 1 1 0 x x 1548 Notes: 1) CGIx calibration constants are selected when M1=1 according to selected gain 2) CGUx calibration constants are selected when M1=0 according to bits cu2 to cu0 defined via SDI in CRA and/or CRB registers. Subregister ZTC: see register mapping 8.2.6 |