전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BL-3014A10-R80 데이터시트(PDF) 6 Page - American Bright OPTOELECTRONICS CORP.

부품명 BL-3014A10-R80
상세설명  PLCC-2 Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
홈페이지  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3014A10-R80 데이터시트(HTML) 6 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-3014A10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.1
Page 5 of 9
SINCE 1981
BIN
CCT(K)
Chromaticity Coordinates
C-1
5700K
(5310-6020K)
5660-6020K
x
0.3284 0.3207
0.3198
0.3282
0.3284
y
0.3535 0.3462
0.3575
0.3650
0.3535
C-2
x
0.3287 0.3213
0.3207
0.3284
0.3287
y
0.3417 0.3360
0.3462
0.3535
0.3417
C-3
x
0.3289 0.3222
0.3213
0.3287
0.3289
y
0.3302 0.3243
0.3360
0.3417
0.3302
D-1
5310-5660K
x
0.3376 0.3284
0.3282
0.3377
0.3376
y
0.3616 0.3535
0.3650
0.3730
0.3616
D-2
x
0.3369 0.3287
0.3284
0.3376
0.3369
y
0.3485 0.3417
0.3535
0.3616
0.3485
D-3
x
0.3366 0.3289
0.3287
0.3369
0.3366
y
0.3369 0.3302
0.3417
0.3485
0.3369
E-1
5000K
(4745-5310K)
5020-5310K
x
0.3456 0.3376
0.3377
0.3466
0.3456
y
0.3678 0.3616
0.3730
0.3806
0.3678
E-2
x
0.3447 0.3369
0.3376
0.3456
0.3447
y
0.3553 0.3485
0.3616
0.3678
0.3553
E-3
x
0.3437 0.3366
0.3369
0.3447
0.3437
y
0.3424 0.3369
0.3485
0.3553
0.3424
F-1
4745-5020K
x
0.3551 0.3456
0.3466
0.3564
0.3551
y
0.3760 0.3678
0.3806
0.3888
0.3760
F-2
x
0.3529 0.3447
0.3456
0.3551
0.3529
y
0.3609 0.3553
0.3678
0.3760
0.3609
F-3
x
0.3515 0.3437
0.3447
0.3529
0.3515
y
0.3487 0.3424
0.3553
0.3609
0.3487
● B IN
: x
x
x
VF BIN CO DE
Color BIN CO DE
Intens ity BIN CO DE
N o t e s :
1. Iv:Tolerance for each Bin limit is
± 10 %
2. Color:Tolerance for each Bin limit is
±0.005
3. Bin categories are established for classification of products.
Products may not be available in all bin categories



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com