| 전자부품 데이터시트 검색엔진 |
|
BT815Q-R 데이터시트(PDF) 24 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
BT815Q-R 데이터시트(HTML) 24 Page - Bridgetek Pte Ltd. |
|
24 / 64 page ![]() Copyright © Bridgetek Pte Ltd 24 BT81X (815/6) Advanced Embedded Video Engine Datasheet Version 1.0 Document No.: BRT_000220 Clearance No.: BRT#126 Font Index => 16/ 18 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 50 2 8 6 8 9 10 13 18 8 10 12 14 17 24 30 40 52 51 3 8 6 8 9 10 13 18 8 10 12 14 17 24 30 40 52 52 4 8 6 8 9 10 13 18 8 10 12 14 17 24 30 40 52 53 5 8 6 8 9 10 13 18 8 10 12 14 17 24 30 40 52 54 6 8 6 8 9 10 13 18 8 10 12 14 17 24 30 40 52 55 7 8 6 8 9 10 13 18 8 10 12 14 17 24 30 40 52 56 8 8 6 8 9 10 13 18 8 10 12 14 17 24 30 40 52 57 9 8 6 8 9 10 13 18 8 10 12 14 17 24 30 40 52 58 : 8 3 3 4 5 6 9 3 4 6 6 7 10 13 18 23 59 ; 8 3 4 4 5 6 9 3 4 6 6 8 10 14 18 23 60 < 8 6 8 10 10 15 19 8 9 11 12 16 21 28 36 46 61 = 8 5 9 10 11 15 19 8 9 13 14 18 23 30 40 52 62 > 8 6 8 10 10 15 19 8 9 11 13 16 22 29 37 48 63 ? 8 6 8 9 10 12 18 7 9 10 12 15 20 26 34 44 64 @ 8 11 13 17 18 25 34 13 15 19 21 28 37 49 63 82 65 A 8 7 9 11 13 17 22 9 11 13 15 20 27 34 45 58 66 B 8 7 9 11 13 17 22 9 10 14 15 19 27 34 45 58 67 C 8 8 10 12 14 18 24 9 11 13 15 20 26 34 45 58 68 D 8 8 10 12 14 18 24 9 11 14 17 22 28 36 48 63 69 E 8 7 9 11 13 16 22 7 9 12 13 16 23 29 39 50 70 F 8 6 8 10 12 14 20 7 9 12 13 17 22 29 39 50 71 G 8 8 11 13 15 19 25 9 11 14 16 22 28 37 48 62 72 H 8 8 10 12 14 18 24 9 11 15 17 23 29 37 50 65 73 I 8 3 4 4 6 8 9 4 5 6 7 9 12 15 20 26 74 J 8 5 7 8 10 13 16 8 9 12 13 17 23 30 40 50 75 K 8 7 9 11 13 18 22 9 11 14 16 19 26 34 45 58 76 L 8 6 8 9 11 14 18 7 9 12 13 17 22 29 39 51 77 M 8 9 12 13 16 21 27 11 14 19 21 26 35 46 62 79 78 N 8 8 10 12 14 18 24 9 11 15 17 23 29 37 50 65 79 O 8 8 11 13 15 18 25 10 12 14 16 22 28 37 49 63 80 P 8 7 9 11 13 16 22 9 10 14 15 19 26 34 45 58 81 Q 8 8 11 13 15 18 26 10 12 14 17 22 29 38 50 64 82 R 8 7 10 12 14 17 24 9 11 13 15 19 27 33 45 58 83 S 8 7 9 11 13 16 22 9 11 12 14 20 26 33 43 56 84 T 8 5 9 10 12 16 20 10 12 14 15 19 26 32 42 56 85 U 8 8 10 12 14 18 24 9 11 13 17 21 28 37 48 62 86 V 8 7 9 11 13 17 22 9 11 14 15 20 27 34 45 58 87 W 8 9 13 15 18 22 31 12 15 18 21 27 36 46 61 79 88 X 8 7 9 11 13 17 22 9 11 13 15 20 27 34 45 58 89 Y 8 7 9 11 13 16 22 9 10 14 15 19 26 34 45 58 90 Z 8 7 9 10 12 15 20 9 11 13 14 18 25 32 42 55 91 [ 8 3 4 5 5 7 9 4 5 6 7 9 12 15 19 25 92 \ 8 3 4 5 5 7 9 6 7 9 10 13 18 22 29 38 93 ] 8 3 4 5 5 7 9 4 5 7 7 9 12 15 19 25 94 ^ 8 6 7 8 9 12 16 6 7 9 10 13 18 23 30 38 95 _ 8 6 8 9 11 14 18 8 10 11 13 16 21 26 34 43 96 ` 8 3 5 6 4 7 11 4 5 7 8 10 13 17 22 29 97 a 8 5 8 9 11 13 18 8 9 11 13 17 23 30 39 50 98 b 8 6 7 9 11 14 18 8 9 11 14 17 24 31 40 52 99 c 8 5 7 8 10 12 16 8 9 11 12 16 22 28 37 48 100 d 8 6 8 9 11 14 18 8 10 12 14 17 24 31 40 52 101 e 8 5 8 9 10 13 18 8 9 11 12 16 22 29 37 48 102 f 8 4 4 5 6 8 9 6 7 8 10 12 15 19 25 31 103 g 8 6 8 9 11 14 18 8 10 11 14 18 24 31 41 52 |