전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JLLS600P 데이터시트(PDF) 4 Page - Littelfuse

부품명 JLLS600P
상세설명  600 V ac • Fast-Acting • 1–1200 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLLS600P 데이터시트(HTML) 4 Page - Littelfuse

  JLLS600P Datasheet HTML 1Page - Littelfuse JLLS600P Datasheet HTML 2Page - Littelfuse JLLS600P Datasheet HTML 3Page - Littelfuse JLLS600P Datasheet HTML 4Page - Littelfuse JLLS600P Datasheet HTML 5Page - Littelfuse JLLS600P Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
Class T Fuses
JLLS Series
Littelfuse.com/JLLS
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 07/14/2022
Current-Limiting Effects
SHORT
CIRCUIT
CURRENT*
APPARENT RMS SYMMETRICAL CURRENT FOR VARIOUS FUSE RATINGS
30 A
60 A
100 A
200 A
400 A
600 A
800 A
1200 A
5,000
750
1,225
1,810
2,500
4,600
5,000
5,000
5,000
10,000
945
1,525
2,300
3,150
6,000
8,500
9,400
10,000
15,000
1,050
1,700
2,610
3,600
6,600
9,750
10,500
13,000
20,000
1,150
1,900
2,900
3,950
7,250
10,500
11,000
14,750
25,000
1,300
2,050
3,100
4,250
8,000
11,500
12,500
15,500
30,000
1,375
2,150
3,300
4,500
8,250
12,000
13,750
16,500
35,000
1,400
2,250
3,500
4,750
8,500
13,000
14,000
17,000
40,000
1,425
2,400
3,650
4,950
8,700
14,000
14,750
18,000
50,000
1,600
2,450
3,900
5,350
9,500
14,500
16,000
20,000
60,000
1,650
2,625
4,150
5,650
10,000
15,500
17,300
21,000
80,000
1,825
2,800
4,570
6,250
11,000
17,000
18,750
23,000
100,000
2,000
3,100
4,950
6,700
12,000
18,000
20,000
25,000
150,000
2,250
3,400
5,650
7,700
13,000
21,000
23,000
28,500
200,000
2,450
3,800
6,200
8,450
15,000
23,000
25,000
31,000
*Prospective RMS Symmetrical Amperes Short-Circuit Current
Note: Data Derived from Peak Let-Thru Curve
- DATA GENERATED IN EXCEL -
100
1,000
10,000
100,000
1,000,000
100
1,000
10,000
100,000
AVAILABLE FAULT CURRENT
SYMMETRICAL R.M.S. AMPERES
800A -
600A -
500A -
400A -
200A -
100A -
60A -
30A -
BASIS FOR DATA:
TEST VOLTAGE: 600V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
PEAK LET-THRU CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
01/28/2014
B
2 OF 3
FCC05-JLLS
JLLS 30A - 1200A
- DATA GENERATED IN EXCEL -
1,000
10,000
100,000
1,000,000
1,000
10,000
100,000
AVAILABLE FAULT CURRENT
SYMMETRICAL R.M.S. AMPERES
1200A -
1100A -
1000A -
900A -
BASIS FOR DATA:
TEST VOLTAGE: 600V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
PEAK LET-THRU CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
01/28/2014
A
3 OF 3
FCC05-JLLS
JLLS 30A - 1200A
Peak Let-Thru Curves



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com