전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB-2COMI-M 데이터시트(PDF) 3 Page - Coolgear Inc.

부품명 USB-2COMI-M
상세설명  Basic Measurements Terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOLGEAR [Coolgear Inc.]
홈페이지  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB-2COMI-M 데이터시트(HTML) 3 Page - Coolgear Inc.

  USB-2COMI-M Datasheet HTML 1Page - Coolgear Inc. USB-2COMI-M Datasheet HTML 2Page - Coolgear Inc. USB-2COMI-M Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Drawn by:
Drawn Date:
Tolerance:
Scale:
Units:
Contact:
support@coolgear.com
Notes:
Web:
coolgear.com
Model #:
+/-
0.15mm
Leo Pinto
3/3
A4
7/29/21
USB-2COMi-M
1:2
mm
Mounting holes
15.35
13.1
58.3
13.1
15.35
6x M3x0.5



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com