전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DGD2184M 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 DGD2184M
상세설명  600V HALF BRIDGE GATE DRIVER IN SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2184M 데이터시트(HTML) 3 Page - Diodes Incorporated

  DGD2184M Datasheet HTML 1Page - Diodes Incorporated DGD2184M Datasheet HTML 2Page - Diodes Incorporated DGD2184M Datasheet HTML 3Page - Diodes Incorporated DGD2184M Datasheet HTML 4Page - Diodes Incorporated DGD2184M Datasheet HTML 5Page - Diodes Incorporated DGD2184M Datasheet HTML 6Page - Diodes Incorporated DGD2184M Datasheet HTML 7Page - Diodes Incorporated DGD2184M Datasheet HTML 8Page - Diodes Incorporated DGD2184M Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DGD2184M
Document number: DS40286 Rev. 3 - 2
3 of 12
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD2184M
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
High-Side Floating Supply Voltage
VB
-0.3 to +624
V
High-Side Floating Supply Offset Voltage
VS
VB – 24 to VB + 0.3
V
High-Side Floating Output Voltage
VHO
VS – 0.3 to VB + 0.3
V
Offset Supply Voltage Transient
dVS / dt
50
V/ns
Low-Side Fixed Supply Voltage
VCC
-0.3 to +24
V
Low-Side Output Voltage
VLO
-0.3 to VCC + 0.3
V
Logic Input Voltage (IN and SD*)
VIN
-0.3 to VCC + 0.3
V
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation Linear Derating Factor (Note 5)
PD
0.625
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
200
°C/W
Operating Temperature
TJ
+150
°C
Lead Temperature (Soldering, 10s)
TL
+300
Storage Temperature Range
TSTG
-55 to +150
Note:
5. When mounted on a standard JEDEC 2-layer FR-4 board.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
High-Side Floating Supply Absolute Voltage
VB
VS + 10
VS + 20
V
High-Side Floating Supply Offset Voltage
VS
(Note 6)
600
V
High-Side Floating Output Voltage
VHO
VS
VB
V
Low-Side Fixed Supply Voltage
VCC
10
20
V
Low-Side Output Voltage
VLO
0
VCC
V
Logic Input Voltage (IN and SD*)
VIN
0
VCC
V
Ambient Temperature
TA
-40
+125
°C
Note:
6. Logic operation for VS of -5V to +600V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com