전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CYT5551D 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 CYT5551D
상세설명  SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CYT5551D 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  CYT5551D Datasheet HTML 1Page - Central Semiconductor Corp CYT5551D Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
600
mA
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=120V
50
nA
ICBO
VCB=120V, TA=100ºC
50
µA
IEBO
VBE=4.0V
50
nA
BVCBO
IC=100µA
180
V
BVCEO
IC=1.0mA
160
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.15
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.20
V
VBE(SAT)
IC=10mA, IB=1.0mA
1.00
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.00
V
hFE
VCE=5.0V, IC=1.0mA
80
hFE
VCE=5.0V, IC=10mA
80
250
hFE
VCE=5.0V, IC=50mA
30
fT
VCE=10V, IC=10mA, f=100MHz
100
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
20
pF
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
200
NF
VCE=5.0V, IC=200µA, RS=10Ω
f=10Hz to 15.7kHz
8.0
dB
CYT5551D
SURFACE MOUNT
DUAL, ISOLATED NPN
SILICON TRANSISTORS
SOT-228 CASE
Central
Semiconductor Corp.
TM
R1 (11-August 2005)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CYT5551D
type consists of two (2) isolated NPN silicon
transistors packaged in an epoxy molded SOT-228
surface mount case. Manufactured by the epitaxial
planar process, this SUPERmini™ device is ideal
for high voltage amplifier applications.
MARKING CODE: FULL PART NUMBER


유사한 부품 번호 - CYT5551D

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CYT5551HCD CENTRAL-CYT5551HCD Datasheet
103Kb / 2P
SURFACE MOUNT DUAL, ISOLATED NPN HIGH CURRENT SILICON TRANSISTORS
More results

유사한 설명 - CYT5551D

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CYT5551HCD CENTRAL-CYT5551HCD Datasheet
103Kb / 2P
SURFACE MOUNT DUAL, ISOLATED NPN HIGH CURRENT SILICON TRANSISTORS
CYTA44D CENTRAL-CYTA44D Datasheet
103Kb / 2P
SURFACE MOUNT DUAL, ISOLATED NPN HIGH VOLTAGE SILICON TRANSISTORS
CYTA4494D CENTRAL-CYTA4494D Datasheet
105Kb / 2P
SURFACE MOUNT DUAL, ISOLATED COMPLEMENTARY NPN & PNP HIGH VOLTAGE SILICON TRANSISTORS
CMXT2222A CENTRAL-CMXT2222A_10 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_10 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CYT3019D CENTRAL-CYT3019D Datasheet
547Kb / 2P
SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
CYT4033D CENTRAL-CYT4033D Datasheet
545Kb / 2P
SURFACE MOUNT DUAL, ISOLATED PNP SILICON TRANSISTORS
CYT7090LD CENTRAL-CYT7090LD_15 Datasheet
547Kb / 2P
SURFACE MOUNT DUAL, ISOLATED SILICON POWER TRANSISTORS
CMXT2222A CENTRAL-CMXT2222A_15 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_15 Datasheet
410Kb / 2P
SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com