전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DRV8317HREER 데이터시트(PDF) 22 Page - Texas Instruments

부품명 DRV8317HREER
상세설명  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER 데이터시트(HTML) 22 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 18Page - Texas Instruments DRV8317HREER Datasheet HTML 19Page - Texas Instruments DRV8317HREER Datasheet HTML 20Page - Texas Instruments DRV8317HREER Datasheet HTML 21Page - Texas Instruments DRV8317HREER Datasheet HTML 22Page - Texas Instruments DRV8317HREER Datasheet HTML 23Page - Texas Instruments DRV8317HREER Datasheet HTML 24Page - Texas Instruments DRV8317HREER Datasheet HTML 25Page - Texas Instruments DRV8317HREER Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
circuits like MCU, logic, hall sensors, LEDs for up to 80 mA. The output of the AVDD regulator should be
bypassed near the AVDD pin with a X5R or X7R, up to 7.05µF (4.7µF typical), 6.3-V ceramic capacitor routed
directly back to the adjacent AGND ground pin.
The AVDD nominal, no-load output voltage is 3.3 V.
AVDD
AGND
+
CAVDD
External Load
REF
±
VIN_AVDD
Figure 8-7. AVDD Linear Regulator Block Diagram
Use Equation 1 to calculate the power dissipated in the device by the AVDD linear regulator.
P = (VVIN_AVDD - VAVDD) x IAVDD
(1)
The supply input voltage for AVDD regulator (VIN_AVDD) can be same as VM supply voltage, or lower or higher
than VM supply voltage.
8.3.5 Charge Pump
The DRV8317 requires a gate-drive voltage higher than the VM power supply to enhance the high-side FETs
fully because the output stages uses N-channel FETs for both high-side and low-side. The DRV8317 integrates a
charge pump circuit that generates a voltage above the VM supply for this purpose.
The charge pump requires two external capacitors for operation. See Table 8-1 for details on the capacitor value.
The charge pump shuts down when nSLEEP is low.
VM
CP
CCP
VM
CPH
Charge
Pump
Control
VM
CPL
CFLY
Figure 8-8. DRV8317 Charge Pump
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com