전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BFW16A 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 BFW16A
상세설명  NPN - RF Transistor Die 0.4 Amp, 30 Volt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BFW16A 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  BFW16A Datasheet HTML 1Page - Central Semiconductor Corp BFW16A Datasheet HTML 2Page - Central Semiconductor Corp BFW16A Datasheet HTML 3Page - Central Semiconductor Corp BFW16A Datasheet HTML 4Page - Central Semiconductor Corp BFW16A Datasheet HTML 5Page - Central Semiconductor Corp BFW16A Datasheet HTML 6Page - Central Semiconductor Corp BFW16A Datasheet HTML 7Page - Central Semiconductor Corp BFW16A Datasheet HTML 8Page - Central Semiconductor Corp BFW16A Datasheet HTML 9Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CP223-2N3866
NPN - RF Transistor Die
0.4 Amp, 30 Volt
Die Size
21.7 x 21.7 MILS
Die Thickness
9.0 MILS
Base Bonding Pad Size
3.2 MILS DIAMETER
Emitter Bonding Pad Size
3.4 x 3.4 MILS
Top Side Metalization
Al – 30,000Å
Back Side Metalization
Au – 12,000Å
Scribe Alley Width
2.7 MILS
Wafer Diameter
4 INCHES
Gross Die Per Wafer
16,000
The CP223-2N3866 is a silicon NPN RF transistor designed for high frequency amplifier and
oscillator applications.
MECHANICAL SPECIFICATIONS:
BACKSIDE COLLECTOR
R0
B
E
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
55
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
3.5
V
Continuous Collector Current
IC
0.4
A
Continuous Base Current
IB
2.0
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEO
VCE=28V
20
μA
ICEV
VCE=55V, VBE(OFF)=1.5V
0.1
mA
IEBO
VEB=3.5V
0.1
mA
BVCER
IC=5.0mA, RBE=10Ω
55
V
BVCBO
IC=500μA
55
V
BVCEO
IC=5.0mA
30
V
BVEBO
IE=100μA
3.5
V
VCE(SAT)
IC=100mA, IB=20mA
1.0
V
hFE
VCE=5.0V, IC=50mA
10
200
hFE
VCE=5.0V, IC=360mA
5.0
fT
VCE=15V, IC=50mA, f=200MHz
500
MHz
Cob
VCB=28V, IE=0, f=1.0MHz
3.0
pF
Gpe
VCC=28V, Pout=1.0W, f=400MHz (Figure 1)
10
dB
η
VCC=28V, Pout=1.0W, f=400MHz (Figure 1)
45
%
R0 (22-February 2017)
www.centra lsemi.
com


유사한 부품 번호 - BFW16A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BFW16A STMICROELECTRONICS-BFW16A Datasheet
88Kb / 4P
CATV-MATV AMPLIFIERS
December 1988
logo
Siemens Semiconductor G...
BFW16A SIEMENS-BFW16A Datasheet
58Kb / 3P
NPN SILICON RF BROADBAND TRANSISTOR
logo
Central Semiconductor C...
BFW16A CENTRAL-BFW16A Datasheet
56Kb / 1P
Small Signal Transistors
logo
Comset Semiconductor
BFW16A COMSET-BFW16A Datasheet
120Kb / 3P
HF WIDEBAND TRANSISTORS
logo
New Jersey Semi-Conduct...
BFW16A NJSEMI-BFW16A Datasheet
73Kb / 2P
CATV-MATV AMPLIFIERS
More results

유사한 설명 - BFW16A

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CP229-2N5109 CENTRAL-CP229-2N5109 Datasheet
585Kb / 8P
NPN - RF Transistor Die 0.4 Amp, 20 Volt
R0 5-May 2016
CP243-CM5943 CENTRAL-CP243-CM5943 Datasheet
665Kb / 9P
NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
CP317X-2N5770 CENTRAL-CP317X-2N5770 Datasheet
452Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP317X-BFY90 CENTRAL-CP317X-BFY90 Datasheet
420Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP392V-MPS6513 CENTRAL-CP392V-MPS6513 Datasheet
456Kb / 4P
NPN - General Purpose Transistor Die 0.1 Amp, 30 Volt
R0 03-May 2022
CP616-CM5160 CENTRAL-CP616-CM5160 Datasheet
624Kb / 8P
PNP - RF Transistor Die 0.4 Amp, 40 Volt
R0 25-July 2016
CP618-CM5583 CENTRAL-CP618-CM5583 Datasheet
545Kb / 8P
PNP - RF Transistor Die 0.5 Amp, 30 Volt
R0 26-July 2016
CP147-MJ11016 CENTRAL-CP147-MJ11016 Datasheet
735Kb / 6P
NPN - Darlington Transistor Die 30 Amp, 120 Volt
R0 4-February 2016
CP307V-MPSA13 CENTRAL-CP307V-MPSA13 Datasheet
628Kb / 5P
NPN - Darlington Transistor Die 0.5 Amp, 30 Volt
R0 14-June 2018
CP327V-MPSA13 CENTRAL-CP327V-MPSA13 Datasheet
583Kb / 4P
NPN - Darlington Transistor Die 0.5 Amp, 30 Volt
R0 22-January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com