전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPC1004N 데이터시트(PDF) 2 Page - Clare, Inc.

부품명 CPC1004N
상세설명  4 Pin SOP OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARE [Clare, Inc.]
홈페이지  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1004N 데이터시트(HTML) 2 Page - Clare, Inc.

  CPC1004N Datasheet HTML 1Page - Clare, Inc. CPC1004N Datasheet HTML 2Page - Clare, Inc. CPC1004N Datasheet HTML 3Page - Clare, Inc. CPC1004N Datasheet HTML 4Page - Clare, Inc. CPC1004N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CPC1004N
R02.0
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚C)
Parameter
Ratings
Units
Blocking Voltage
100
V
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1
A
Input Power Dissipation
70
mW
Total Power Dissipation 1
400
mW
Capacitance Input to Output
1
pF
Isolation Voltage Input to Output
1500
V
rms
Operational Temperature
-40 to +110
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 3.33 mw / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C (Unless Otherwise Specified)
Load Current 1, Continuous DC
-
I
L
-
-
300
mA
Load Current, Continuous
T=110°C, I
F=10mA
-
-
-
100
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance 2
I
L=300mA
R
ON
-
-
4
Ω
Off-State Leakage Current
V
L=100V
I
LEAK
-
-
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
-
-
3
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
-
-
1
ms
Output Capacitance
50V; f=1MHz
C
OUT
-
25
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=300mA
I
F
2
-
50
mA
Input Dropout Current
-
I
F
0.3
0.9
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
-
-
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
1 Load current derates linearly from 300mA @ 25oC to 100mA @ 110oC.
2 Measurement taken within 1 second of on time.
Electrical Characteristics



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com