| 전자부품 데이터시트 검색엔진 |
|
LCR1210-R100F 데이터시트(PDF) 40 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
LCR1210-R100F 데이터시트(HTML) 40 Page - Skyworks Solutions Inc. |
|
40 / 46 page ![]() Si32172/3/5 40 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021 11. Package Outline 11.1. 42-Pin QFN/LGA Figure 17 illustrates the package details for the Si32172/3/5. Table 19 lists the values for the dimensions shown in the illustration. Figure 17. 42-Pin QFN/LGA Package Table 19. 42-Pin QFN/LGA Package Diagram Dimensions Dimension Min Nom Max A 0.80 0.85 0.90 b 0.20 0.25 0.30 D 5.00 BSC D2 3.35 3.40 3.45 e 0.50 BSC E 7.00 BSC E2 5.35 5.40 5.45 E3 1.65 1.70 1.75 E4 3.15 3.20 3.25 L 0.35 0.40 0.45 L1 0.05 0.10 0.15 aaa — — 0.10 bbb — — 0.10 ccc — — 0.08 ddd — — 0.10 Notes: 1. All dimensions shown are in millimeters (mm) unless otherwise noted. 2. Dimensioning and Tolerancing per ANSI Y14.5M-1994. 3. Recommended card reflow profile is per the JEDEC/IPC J-STD-020C specification for Small Body Components. |