전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

INN3365C 데이터시트(PDF) 21 Page - Power Integrations, Inc.

부품명 INN3365C
상세설명  Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERINT [Power Integrations, Inc.]
홈페이지  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INN3365C 데이터시트(HTML) 21 Page - Power Integrations, Inc.

Back Button INN3365C Datasheet HTML 17Page - Power Integrations, Inc. INN3365C Datasheet HTML 18Page - Power Integrations, Inc. INN3365C Datasheet HTML 19Page - Power Integrations, Inc. INN3365C Datasheet HTML 20Page - Power Integrations, Inc. INN3365C Datasheet HTML 21Page - Power Integrations, Inc. INN3365C Datasheet HTML 22Page - Power Integrations, Inc. INN3365C Datasheet HTML 23Page - Power Integrations, Inc. INN3365C Datasheet HTML 24Page - Power Integrations, Inc. INN3365C Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Rev. Q 11/22
21
InnoSwitch3-Pro
www.power.com
Example: If a 16 mW sense resistor is used and the read-back register
is 0x8040.
Removing the odd parity bit from high byte results in 0x40 = 64 in
decimal.
Sensed current value = N (decimal) x 0.25/R
SENSE.
64 x 0.25/16 = 1A. This is the measured output current value:
(0.25 mV = 32 mV/128, where 32 mV (I
SV(TH)) is the full range RSENSE
voltage, 128 is the ADC full range).
The READ13 and READ14 are 16 sample rolling averages of the
measured output current and output voltage respectively. The value
of these average registers is more stable than the instantaneous
registers (READ7 and READ9) but take slightly longer to stabilize.
When the series BUS switch is opened these registers are cleared and
values are reset to zero until the measurement start to accumulate.
The resolution of READ 13 and READ 14 is the same as the READ7
and READ 9 respectively.
The output voltage and current measurement registers are updated
every 100 ms.
I2C Connection
uVCC External Power Supply
The uVCC pin provides an accurately regulated 3.6 V supply to an
external controller. The maximum load current capability of this
supply is 45 mA (I
uVCC)for 0.5 seconds when the VOUT pin is greater
than or equal to 5 V. For steady-state operation, it is expected the
current drawn from uVCC is less than 10 mA. The uVCC pin should
be decoupled to the GND pin with at least a 2.2 mF ceramic capacitor.
When the VOUT pin voltage is less than 3.9 V, the internal LDO will
droop and follow VOUT pin voltage. Under these conditions, the
uVCC pin voltage is dependent on load current and internal series
impedance. At VOUT pin = 3 V and 6 mA load current on uVCC, the
expected output on uVCC will be ~2.85 V (3 V – 24 W x 6 mA).
If the VOUT pin voltage falls sufficiently to cause the uVCC pin to go
below the uVCC
RST threshold, communication through I
2
C is no longer
available.
Figure 23. I2C Waveforms for Setting Output Voltage to 8 V.
PI Slave Address
0
0 0 0 1 0 0 0 0
Low Byte Data
0 x 20
0 0 1
0 0 0
High Byte Data
0
0 x86
0
0 1 1 0 0 0 0
w A
A
A
STOP
START
SCL
SDA
t: 10 usec/div
0 x10
PI Command
1 0
0
0
0
1
1
0
A
PI-8457-092617
SCL/SDA Pull-up Requirements
The SCL and SDA-pins should be pulled-up to the uVCC pin with a
resistor. The maximum pull-up resistance is dependent on the
capacitance of the SCL/SDA pins and I2C Master. The resultant
voltage fall-time to the V
IL threshold assuming a total capacitance of
20 pF is tabulated as function of SCL clock frequency in the table
below.
The InnoSwitch3-Pro part can be used with I2C frequency above
535 kHz, however there are specific timing requirements that need to
be met as describer in the data sheet parameter table and associated
notes below the table. Meeting these requirements at frequencies
above 535 kHz may require the interface IC to have the ability to
produce asymmetrical I2C CLK signals. If such ability is not available
in the interface IC (or micro-controller connected to the InnoSwitch3-Pro
through the I2C bus), it is recommended that I2C frequency of 535 kHz
or lower is used.
Max Frequency
(kHz)
Max Pull-Up
Resistance (kW)
t
F (ns)
400
13
300
500
10
240
600
8
200
700
7
178
Table 7.
I2C Pull-Up Resistor Values.
I2C Example Waveforms
Setting The Output Voltage To 8 V
Same as Example shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com