| 전자부품 데이터시트 검색엔진 |
|
PFS7624C 데이터시트(PDF) 27 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7624C 데이터시트(HTML) 27 Page - Power Integrations, Inc. |
|
27 / 38 page ![]() Rev. F 08/20 27 PFS7x23-7x29/7633-7636 www.power.com Parameter Symbol Conditions SOURCE = 0 V; V CC = 12 V, -40 °C < T J(C) < 125 °C (Note C) (Unless Otherwise Specified) Min Typ Max Units VTS MOSFET On-State Resistance R DS(ON) I D = 0.5 × IOCP PFS7x23 PFS7633 T J(M) = 25 °C 0.61 0.74 W T J(M) =100 °C 1.06 PFS7x24 PFS7634 T J(M) = 25 °C 0.51 0.61 T J(M) = 100 °C 0.88 PFS7x25 PFS7635 T J(M) = 25 °C 0.41 0.50 T J(M) = 100 °C 0.75 PFS7x26 PFS7636 T J(M) = 25 °C 0.34 0.40 T J(M) = 100 °C 0.58 PFS7x27 T J(M) = 25 °C 0.30 0.35 T J(M) = 100 °C 0.53 PFS7x28 T J(M) = 25 °C 0.26 0.31 T J(M) = 100 °C 0.46 PFS7x29 T J(M) = 25 °C 0.22 0.26 T J(M)= 100 °C 0.38 Effective Output Capacitance C OSS T J(M) = 25 °C V GS = 0 V, V DS = 0 to 80% BVDSS See Note A PFS7x23 / PFS7633 135 pF PFS7x24 / PFS7634 165 PFS7x25 / PFS7635 200 PFS7x26 / PFS7636 240 PFS7x27 280 PFS7x28 320 PFS7x29 370 Breakdown Voltage BV DSS T J(M) = 25 °C, VCC = 12 V I D = 250 mA, VFB= VV = 0 V 600 V Breakdown Voltage Temperature Coefficient BV DSS(TC) See Note A 0.072 %/°C |