| 전자부품 데이터시트 검색엔진 |
|
TOP244F 데이터시트(PDF) 39 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP244F 데이터시트(HTML) 39 Page - Power Integrations, Inc. |
|
39 / 54 page ![]() Rev. R 10/20 39 TOP242-250 www.power.com PI-2039-033001 DRAIN VOLTAGE HV 0 V 90% 10% 90% t2 t1 D = t1 t2 Figure 50. Duty Cycle Measurement. 120 100 80 40 20 60 0 0 2 4 6 8 10 CONTROL Pin Voltage (V) 1 Slope Dynamic Impedance = 0.8 1.3 1.2 1.1 0.9 0.8 1.0 0 0 1 2 6 8 3 Time (µs) 4 5 7 0.7 0.6 0.5 0.4 0.3 0.2 0.1 ILIMIT(MAX) @ 25 ˚C ILIMIT(MIN) @ 25 ˚C IINIT(MIN) @ 85 VAC IINIT(MIN) @ 265 VAC tLEB (Blanking Time) PI-2631-081204 5-50 V 5-50 V S4 40 V 0.1 µF 47 µF 470 Ω 5 W Y or R Package (X and L Pins) P or G Package (M Pin) 470 Ω 0-100 k Ω 0-60 k Ω 0-60 k Ω 0-100 k Ω NOTES: 1. This test circuit is not applicable for current limit or output characteristic measurements. 2. For P and G packages, short all SOURCE pins together. D S FX C L M C CONTROL TOPSwitch-GX S1 S5 S3 0-15 V S2 Figure 51. CONTROL Pin I-V Characteristic. Figure 52. Drain Current Operating Envelope. Figure 53. TOPSwitch-GX General Test Circuit. |