| 전자부품 데이터시트 검색엔진 |
|
TOP254EN 데이터시트(PDF) 17 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP254EN 데이터시트(HTML) 17 Page - Power Integrations, Inc. |
|
17 / 50 page ![]() Rev. M 12/21 17 TOP252-262 www.power.com PI-4720-120307 DC Input Voltage + - D V S C VUV = RLS × IUV + VV (IV = IUV) For Values Shown VUV = 103.8 VDC RLS 6.2 V 4 M Ω 40 k Ω CONTROL PI-4721-120307 DC Input Voltage + - D S C CONTROL V 4 M Ω 55 k Ω RLS 1N4148 VOV = IOV × RLS + VV (IV = IOV) For Values Shown VOV = 457.2 VDC Figure 20. Line Sensing for Undervoltage Only (Overvoltage Disabled). Figure 21. Line-Sensing for Overvoltage Only (Undervoltage Disabled). Maximum Duty Cycle Reduced at Low Line and Further Reduction with Increasing Line Voltage. Typical Uses of VOLTAGE MONITOR (V) and EXTERNAL CURRENT LIMIT (X) Pins (cont.) Figure 22. External Set Current Limit. X PI-4722-021308 DC Input Voltage + - D S C RIL For RIL = 12 kΩ ILIMIT = 61% See Figure 55b for other resistor values (RIL). TOP259-261YN would use the G pin as the return for R IL. For RIL = 19 kΩ ILIMIT = 37% CONTROL X PI-4723-011008 DC Input Voltage + - D S C 2.5 M Ω RLS 6 k Ω RIL 100% @ 100 VDC 53% @ 300 VDC ILIMIT = ILIMIT = TOP259-261YN would use the G pin as the return for R IL. CONTROL X PI-2625-011008 DC Input Voltage + - D S C ON/OFF 47 K Ω QR can be an optocoupler output or can be replaced by a manual switch. TOP259-261YN would use the G pin as the return for Q R. QR CONTROL X ON/OFF 16 k Ω PI-4724-011008 DC Input Voltage + - D S C RIL QR 12 k Ω For RIL = ILIMIT = 61% 19 k Ω For RIL = ILIMIT = 37% QR can be an optocoupler output or can be replaced by a manual switch. CONTROL TOP259-261YN would use the G pin as the return for Q R. Figure 23. Current Limit Reduction with Line Voltage. Figure 24. Active-on (Fail Safe) Remote ON/OFF. Figure 25. Active-on Remote ON/OFF with Externally Set Current Limit. |