전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS32 데이터시트(PDF) 2 Page - Continental Device India Limited

부품명 SS32
상세설명  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

SS32 데이터시트(HTML) 2 Page - Continental Device India Limited

  SS32 Datasheet HTML 1Page - Continental Device India Limited SS32 Datasheet HTML 2Page - Continental Device India Limited SS32 Datasheet HTML 3Page - Continental Device India Limited SS32 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIM
Min
Max
DIM
Min
Max
A
4.06
4.57
E
2.13
2.44
B
3.30
3.94
F
0.76
1.52
C
1.96
2.11
G
0.102
0.203
D
0.152
0.305
H
5.21
5.59
SS32_S300Rev290405E
DO-214AA (SMB) SMD Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 4
SS32 - S300
DO-214AA (SMB)
Surface Mount Package



Html Pages

1 2 3 4