전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RE2512CT-R500JN-98 데이터시트(PDF) 1 Page - Vishay Barry

부품명 RE2512CT-R500JN-98
상세설명  BeO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BARRY [Vishay Barry]
홈페이지  https://barryind.com/
Logo BARRY - Vishay Barry

RE2512CT-R500JN-98 데이터시트(HTML) 1 Page - Vishay Barry

  RE2512CT-R500JN-98 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RE2512CT-XXXX*JN-98
BeO
SURFACE MOUNT POWER RESISTOR
WWW.BARRYIND.COM
Features:
♦ BeO Material
♦ 30 Watt Input Power
♦ CT = Matte Tin over Nickel over Silver
♦ Surface Mountable
General Description:
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
0
1
/
7
0
/
7
0
0
1
/
7
0
/
7
0
-
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
r
e
w
o
P
t
u
p
n
I0
3s
t
t
a
W
e
c
n
a
t
s
i
s
e
R
%
5
-
/
+s
m
h
O
e
r
u
t
a
r
e
p
m
e
T
e
c
a
f
r
u
S
g
n
i
t
n
u
o
M0
0
1C
°
0.5....R500
1 ......1R00
10.....10R0
50.....50R0
100...1000
150...1500
1K.....1001
10K...1002
100K.1003
470K.4703
1M....1004
The RE2512CT-XXXX*JN-98 is a standard
(.5 - 1Mohm available) surface mountable BeO
power chip resistor. It has an input power rating of
30 watts, while maintaining a constant mounting
surface temperature of 100°C. *See below for
ordering options.
RoHS
COMPLIANT
TM
Barry Industries reserves the right to change part number and or process without notification.
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


유사한 부품 번호 - RE2512CT-R500JN-98

제조업체부품명데이터시트상세설명
logo
Schneider Electric
RE25 SCHNEIDER-RE25 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
SUNMATE electronic Co.,...
RE2500A SUNMATE-RE2500A Datasheet
312Kb / 2P
SURFACE MOUNT HIGH VLTAGE RECTIFEER DIODES
More results

유사한 설명 - RE2512CT-R500JN-98

제조업체부품명데이터시트상세설명
logo
Vishay Barry
T50R0-350-1X BARRY-T50R0-350-1X Datasheet
128Kb / 1P
BeO
28 Aug 2013
TV0805CB-XXXXJN-98 BARRY-TV0805CB-XXXXJN-98 Datasheet
150Kb / 1P
BeO
Rev.B 06/30/08
TV1005HA-50R0JN-96 BARRY-TV1005HA-50R0JN-96 Datasheet
65Kb / 1P
BeO
7/10/03
TVC2010CB-XXXXJN-99-01 BARRY-TVC2010CB-XXXXJN-99-01 Datasheet
97Kb / 1P
BeO
Rev.D 02/24/09
TZC2525CB-50R0JN-9F BARRY-TZC2525CB-50R0JN-9F Datasheet
43Kb / 1P
BeO
Rev.B 12/07/11
TV1206CB-50R0GN-96-04 BARRY-TV1206CB-50R0GN-96-04 Datasheet
46Kb / 1P
BEO
10/17/11
TVC3737CT-50R0JN-99 BARRY-TVC3737CT-50R0JN-99 Datasheet
179Kb / 1P
BeO
04/02/08
K05Z-XXXXG99-06C36-X BARRY-K05Z-XXXXG99-06C36-X Datasheet
120Kb / 1P
BeO
10/22/08
K05Z-XXXXG9F-05C36-X BARRY-K05Z-XXXXG9F-05C36-X Datasheet
560Kb / 1P
BeO
06/13/08
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
BeO or BeO FREE
Rev.A 04/13/04
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com