| 전자부품 데이터시트 검색엔진 |
|
PC87782 데이터시트(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87782 데이터시트(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 17 page ![]() 9 www.national.com Figure 3. Pin Assignments for PC87782 100-Pin Packages Table 2 Pin Descriptions Signal Type Input Parameters Output Parameters Buffer Description TTL VIH VIL TTL Input Levels Schmitt VCHh, VCHl, Vhys CMOS Input Levels with Hysteresis CM VOH, VOL CMOS Output Buffer CMHD2 VOHhd2, VOLhd2 CMOS Output Buffer with High Drive type 2 CM-TTL VIH, VIL VOH, VOL CMOS Output buffer. Input TTL Characteristics OD VOL Open Drain Output OD-TTL VIH, VIL VOL OD Output Buffer. Input TTL Characteristics PU Rpu, VOHpu Weak Pull Up Capability. STRAP VCHh, VCHl, Vhys Rpu An input with “Schmitt” characteristics and an internal PU resistor. This type of input is typically used for strap signals. OSCIN Oscillator Input [not characterized] PC87782 100 TQFP 1 5 10 15 20 25 50 45 40 35 30 26 75 70 65 60 55 51 76 80 85 90 95 100 HD5 HD6 HD7 HIOR HIOW HCSA HCSB HMR HPWRON CRS GND VCC RX_ER RX_DV RX_CLK RXD0 RXD1 RXD2 RXD3 TXD0 TXD1 TXD2 TXD3 TX_CLK PI2 PI3 PI4 PI5 PI6 PI7 DAOUT VREF AGND AVCC SCL SDA GND VCC PL0 PL1 PL2 PL3 PL4 PL5 PL6 PL7 PB0 PB1 PB2 HA Order Number PC87782VJG See NS Package VJG100A |