전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT7C138 데이터시트(PDF) 18 Page - Aeroflex Circuit Technology

부품명 UT7C138
상세설명  4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT7C138 데이터시트(HTML) 18 Page - Aeroflex Circuit Technology

Back Button UT7C138 Datasheet HTML 13Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 14Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 15Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 16Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 17Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 18Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 19Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 20Page - Aeroflex Circuit Technology UT7C138 Datasheet HTML 21Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
L
K
J
H
G
F
E
D
C
B
A
1 2 3 4 5 6 7
8
10
9
11
11 10 9 8 7 6 5
4
2
3
1
L
K
J
H
G
F
E
D
C
B
A
Figure 9. 68-pin PGA
Notes:
1. All packages finishes are per MIL-PRF-38535.
2. True position applies at base plane (Datum C).
3. True position applies at pin tips.
4. Letter designations are for cross-reference to MIL-STD-1835.
5. Total weight is approximately 7.0 grams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21