전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRIS2K 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 LRIS2K
상세설명  Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K 데이터시트(HTML) 5 Page - STMicroelectronics

  LRIS2K Datasheet HTML 1Page - STMicroelectronics LRIS2K Datasheet HTML 2Page - STMicroelectronics LRIS2K Datasheet HTML 3Page - STMicroelectronics LRIS2K Datasheet HTML 4Page - STMicroelectronics LRIS2K Datasheet HTML 5Page - STMicroelectronics LRIS2K Datasheet HTML 6Page - STMicroelectronics LRIS2K Datasheet HTML 7Page - STMicroelectronics LRIS2K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LRIS2K
Summary description
5/8
1.3
Initial dialogue for vicinity cards
The dialog between the Vicinity Coupling Device (VCD) and the Vicinity Integrated Circuit
Card or VICC (LRIS2K) takes place as follows:
●
activation of the LRIS2K by the RF operating field of the VCD.
●
transmission of a command by the VCD.
●
transmission of a response by the LRIS2K.
This technique is called RTF (Reader Talk First).



Html Pages

1 2 3 4 5 6 7 8