전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STG3699B 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STG3699B
상세설명  Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699B 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STG3699B Datasheet HTML 11Page - STMicroelectronics STG3699B Datasheet HTML 12Page - STMicroelectronics STG3699B Datasheet HTML 13Page - STMicroelectronics STG3699B Datasheet HTML 14Page - STMicroelectronics STG3699B Datasheet HTML 15Page - STMicroelectronics STG3699B Datasheet HTML 16Page - STMicroelectronics STG3699B Datasheet HTML 17Page - STMicroelectronics STG3699B Datasheet HTML 18Page - STMicroelectronics STG3699B Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
STG3699B
7 Mechanical Data
15/19
7
Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19