전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH1R02A 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STTH1R02A
상세설명  Ultrafast recovery diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02A 데이터시트(HTML) 6 Page - STMicroelectronics

  STTH1R02A Datasheet HTML 1Page - STMicroelectronics STTH1R02A Datasheet HTML 2Page - STMicroelectronics STTH1R02A Datasheet HTML 3Page - STMicroelectronics STTH1R02A Datasheet HTML 4Page - STMicroelectronics STTH1R02A Datasheet HTML 5Page - STMicroelectronics STTH1R02A Datasheet HTML 6Page - STMicroelectronics STTH1R02A Datasheet HTML 7Page - STMicroelectronics STTH1R02A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
STTH1R02
6/8
3
Package information
Epoxy meets UL94, V0
Table 5.
DO-41 Dimensions
Figure 13.
SMA footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.1
5.20
0.160
0.205
B
2
2.71
0.080
0.107
C25.4
1
D
0.712
0.863
0.028
0.034
Table 6.
SMA dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.03
0.075
0.080
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.41
0.006
0.016
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.156
0.181
D
2.25
2.95
0.089
0.116
L
0.75
1.60
0.030
0.063
ØD ØB
A
CC
1.67
4.94
1.73
1.48
1.73



Html Pages

1 2 3 4 5 6 7 8