전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB-SSR24 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 USB-SSR24
상세설명  USB DIO High Voltage and Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

USB-SSR24 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button USB-SSR24 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 9Page - List of Unclassifed Manufacturers USB-SSR24 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Measurement Computing
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
USB-ERB Series
Output Specification
Number of relays
USB-ERB08: 8
USB-ERB24: 24
Relay configuration
USB-ERB08: 2 banks of 4
USB-ERB24: 2 banks of 8 and 2 banks of 4
Contact configuratio
USB-ERB08: 8 Form C (SPDT) normally open (NO), normally closed (NC) and
common (C) available at screw terminals
USB-ERB24: 24 FORM C (SPDT) NO, NC and C available at screw terminals
Contact rating: 5 A @ 240 VAC or 28 VDC resistive
Contact resistance: 100 m
Ω max (initial value)
Operate time: 10 ms max
Release time: 5 ms max
Vibration: 10 Hz to 55 Hz (dual amplitude 1.5 mm)
Shock: 10 G (11 ms)
Dielectric isolation
Between relay open contact: 300 VAC, 50/60 Hz (1 minute)
Between PCB output lines: 500 VAC, 50/60 Hz (1 minute)
Life expectancy: 10 million mechanical operations, min
Power on RESET state
S2 = pull-up: Energized. NO in contact with Common
S2 = pull-down: Not energized. NC in contact with Common
Relay control logic polarity: User-configurable per bank through switch S1 for
invert or non-invert (default). Switch settings for polarity can be read back with
software over the USB bus. Switch settings do not affect the power-on condition.
Non-invert mode: When 0 is written or read back via the USB bus, relays are
not energized.
Invert mode: When 0 is written or read back via the USB bus, relays are ener-
gized.
Pull-up/pull-down (controls relay power on state): User-configurable per bank
through switch S2 for pull-down (default) or pull-up. Switch settings can be
read back with software.
• Pull-down puts the relays in non-energized mode on power up.
• Pull-up puts the relays in energized mode on power up.
Power
USB +5 V input voltage range: 4.75 V min to 5.25 V max
USB +5 V supply current (all modes of operation): 10 mA max
Voltage supervisor limits - PWR LED
6.0 V > Vext or Vext > 12.5 V: PWR LED = Off (power fault)
6.0 V ≤ Vext < 12.5 V: PWR LED = On
The daisy chain power output option allows multiple MCC USB Series products
with a USB hub output port to be powered from a single external power source
in a daisy chain fashion. The voltage drop between the device power supply
input and the daisy chain output is 0.5 V max. Users must plan for this drop
to assure the last device in the chain receives at least 6.0 VDC.
E
xternal power consumption
All relays on, 100 mA downstream hub power
USB-ERB08: 750 mA typ, 850 mA max
USB-ERB24: 1.5 A typ, 1.8 A max
All relays off, 100 A downstream hub power
USB-ERB08: 170 mA typ, 200 mA max
USB-ERB24 230 mA typ, 270 mA max
Specifications - USB-ERB Series
USB-ERB24 Block Diagram
USB
Microcontroller
USB
Interface
USB
USB
USB
Interface
Interface
Interface
USB
Interface
Power
Regulator
Power
Monitor
9.0 V
External
Power
9.0 V
External
Power
Switch S2
(pull-up/down))
Switch S2
Switch S2
Switch S2
(pull-up/down)
(pull-up/down)
(pull-up/down)
Switch S2
(pull-up/down)
Switch S1
S1
(inv/non-inv)
Switch S1
Switch S1
Switch S1
(inv/non-inv))
(inv/non-inv)
(inv/non-inv)
Switch S1
(inv/non-inv)
Relay 24
Relay
driver
4
Relay
driver
Relay
Driver
Relay
driver
4
Relay
driver
Relay
Driver
Relay
driver
8
Relay
driver
Relay
Driver
Relay
driver
8
Relay
driver
Relay
Driver
Screw terminal
Relay 23
Relay 22
Relay 21
Relay 20
Relay 19
Relay 18
Relay 17
Relay 16
Relay 15
Relay 14
Relay 13
Relay 12
Relay 11
Relay 10
Relay 9
Relay 8
Relay 7
Relay 6
Relay 5
Relay 4
Relay 3
Relay 2
Relay 1



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com