전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W5X8X-XPG-P-5XX 데이터시트(PDF) 1 Page - Switchcraft, Inc.

부품명 W5X8X-XPG-P-5XX
상세설명  IN LINE CABLE CONNECTOR (2-4) #12, (4-6) #16, (4-12) #20 PIN CONTACTS MULTI CONX INSTA-CLICK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SWITCH [Switchcraft, Inc.]
홈페이지  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

W5X8X-XPG-P-5XX 데이터시트(HTML) 1 Page - Switchcraft, Inc.

  W5X8X-XPG-P-5XX Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.710
W5280-9PG-P-5XX SHOWN
MATING VIEW
KEYWAY
.378
[9.6mm]
.430
[11.0]
.544
[13.8]
.465
[11.8]
BACKSHELL
MATL: THERMOPLASTIC, BLACK
SLEEVE
MATL: THERMOPLASTIC, BLACK
GROMMET
MATL: SANTOPRENE, BLACK
W5280-XPG-P-515 0.156 ID FOR CABLES 0.15 - 0.17 [3.5 - 4.3mm]0D
W5280-XPG-P-518 0.187 ID FOR CABLES 0.18 - 0.20 [4.6 - 5.1mm]0D
W5280-XPG-P-521 0.225 ID FOR CABLES 0.21 - 0.23 [5.3 - 5.8mm]0D
W5280-XPG-P-524 0.250 ID FOR CABLES 0.24 - 0.27 [6.1 - 6.8mm]0D
W5280-XPG-P-528 0.285 ID FOR CABLES 0.28 - 0.29 [7.1 - 7.4mm]0D
W5280-XPG-P-530 0.312 ID FOR CABLES 0.30 - 0.32 [7.6 - 8.1mm]0D
W5280-XPG-P-535 0.375 ID FOR CABLES 0.35 - 0.340 [7.6 - 8.1mm]0D
#20 CRIMP CONTACTS SHOWN HERE
MATL: COPPER ALLOY, GOLD PLATED
IN LINE CABLE CONN, MALE
MATL: THERMOPLASTIC, BLACK
CABLE STRAP
MATL: VALOX, BLACK
(2) #4 X 3/8 PAN HEAD
SELF TAPPING SCREW
MATL: STAINLESS STEEL
W5280-6PG-P-5XX
MATING VIEW
W5280-5PG-P-5XX
MATING VIEW
W5380-5PG-P-5XX
MATING VIEW
W5180-2PG-P-5XX
MATING VIEW
W5180-3PG-P-5XX
MATING VIEW
NOTES:
ALL PARTS TO BE BULK PACKED UNLESS NOTED.
1.
INSTA CLICK IN LINE CABLE ASSEMBLY IS SUPPLIED AS A KIT.
2.
CONTACTS SUPPLIED UNASSEMBLED FOR CRIMP AND ASSEMBLED FOR SOCKET VERSIONS
ALL DIMENSIONS ARE REFERENCED IN INCHES [MM], WITHIN + 0.015 UNLESS NOTED.
3.
SIZE #20, 9 POSITION CRIMP CONTACTS ASSEMBLY IS BEEN SHOWN AS EXAMPLE. VISIT
4.
PART NUMBERING SYSTEM AHART TO VISIT VARIOUS SELECTIONS
CONTACTS STYLE
0' - CRIMP
2' - SOLDER
15 - CABLE OD 0.15 - 0.17 [3.8 - 4.3mm]
18 - CABLE OD 0.18 - 0.20 [4.6 - 5.1mm]
21 - CABLE OD 0.21 - 0.23 [5.3 - 5.8mm]
24 - CABLE OD 0.24 - 0.27 [6.1 - 6.8mm]
28 - CABLE OD 0.28 - 0.29 [7.1 - 7.4mm]
30 - CABLE 0D 0.30 - 0.32 [7.6 - 8.1mm]
35 - CABLE 0D 0.35 - 0.40 [8.9 - 10.2mm]
PART NUMBER SYSTEM
W 5 X 8 X - X PG -P- 5 XX
CONTACT SIZES
1' - SIZE #12
2' - SIZE #20
3' - SIZE #16
W5280-8PG-P-5XX
MATING VIEW
W5280-7PG-P-5XX
MATING VIEW
W5280-4PG-P-5XX
MATING VIEW
W5380-4PG-P-5XX
MATING VIEW
W5380-6PG-P-5XX
MATING VIEW
W5180-4PG-P-5XX
MATING VIEW
CONTACT POSITIONS
POSITION 2, 3 & 4 (AVAILABLE IN SIZE #12)
POSITION 4, 5 & 6 (AVAILABLE IN SIZE #16)
POSITION 4,5,6,7,8,9,10,11&12 (AVAILABLE IN SIZE #20)
DATE:
MFG.
ENG.
APPROVED BY:
STANDARD PRODUCT
IN LINE CABLE CONNECTOR
MULTI CONX INSTA-CLICK
(2-4) #12, (4-6) #16, (4-12) #20 PIN CONTACTS
NTS
1 OF 1
W5X8X-XPG-P-5XX
SLW
FILE NAME
03/22/22
AM
03/22/22
AM
0A
0A
REV
TITLE:
DESCRIPTION
SHEET
SIZE
PART
NUMBER:
DIRECTORY:
CUSTOMER:
DATE
INIT.
TOLERANCES:
AND DECIMALS.
ANGLES ±1°
REV.
THIS DOCUMENT IS PROHIBITED.
DUPLICATION OR DISTRIBUTION OF
CORPORATION." UNAUTHORIZED
THE PROPERTY OF "CONXALL
ALL INFORMATION ILLUSTRATED IS
3 PLACE DECIMALS ±.005
UNLESS OTHERWISE SPECIFIED
INCHES, FRACTION OF INCHES
ALL UNITS ARE IN FEET,
FLAG PER SPEC. XXXX
= CRITICAL CHARACTERISTIC
FRACTIONS ±1/16
FILE:
APPROVED BY:
CHECKED BY:
SCALE
ORIG. DRAWN BY:
DATE:
601 E. WILDWOOD VILLA PARK, IL 60181
B
CUSTOMER DRAWING
DATE:
APPROVED BY:
QA


유사한 부품 번호 - W5X8X-XPG-P-5XX

제조업체부품명데이터시트상세설명
logo
Switchcraft, Inc.
W5X8X-XSG-P-5XX SWITCH-W5X8X-XSG-P-5XX Datasheet
153Kb / 1P
IN LINE CABLE CONNECTOR (2-4) #12, (4-6) #16, (4-12) #20 SKT CONTACTS MULTI CONX INSTA-CLICK
Rev. 0A
More results

유사한 설명 - W5X8X-XPG-P-5XX

제조업체부품명데이터시트상세설명
logo
Switchcraft, Inc.
W3X8X-XPG-P-3XX SWITCH-W3X8X-XPG-P-3XX Datasheet
224Kb / 1P
CABLE END CONNECTOR ASSEMBLY (2-4) #12, (4-6) #16, (4-12) #20 PIN CONTACTS MULTI CONX INSTA-CLICK
04/04/22
W3X8X-XPG-P-5XX SWITCH-W3X8X-XPG-P-5XX Datasheet
256Kb / 1P
CABLE END CONNECTOR ASSEMBLY (2-4) #12, (4-6) #16, (4-12) #20 PIN CONTACTS MULTI CONX INSTA-CLICK
04/04/22
W3X8X-XSG-P-3XX SWITCH-W3X8X-XSG-P-3XX Datasheet
224Kb / 1P
CABLE END CONNECTOR ASSEMBLY (2-4) #12, (4-6) #16, (4-12) #20 SKT CONTACTS MULTI CONX INSTA CLICK
Rev. 0A
W3X8X-XSG-P-5XX SWITCH-W3X8X-XSG-P-5XX Datasheet
254Kb / 1P
CABLE END CONNECTOR ASSEMBLY (2-4) #12, (4-6) #16, (4-12) #20 SKT CONTACTS MULTI CONX INSTA CLICK
Rev. 0A
W3Z85-XPG-P-3XX SWITCH-W3Z85-XPG-P-3XX Datasheet
139Kb / 1P
CABLE END CONNECTOR (3-4) #14 PIN CONTACTS MULTI CONX INSTA-CLICK SCREW TERM
Rev. 0A
W4X8X-XSG-P-3XX SWITCH-W4X8X-XSG-P-3XX Datasheet
169Kb / 1P
PANEL CONNECTOR ASSEMBLY (2-4) #12, (4-6) #16, (4-12) #20 SOCKET CONTACTS MULTI CONX INSTA-CLICK
Rev. 0A
W4Z85-XPG-P-300 SWITCH-W4Z85-XPG-P-300 Datasheet
126Kb / 1P
PANEL MOUNT ASSEMBLY (3-4) #14 PIN CONTACTS MULTI CONX INSTA-CLICK SCREW TERMINAL
Rev. 0A
W5X8X-XSG-P-5XX SWITCH-W5X8X-XSG-P-5XX Datasheet
153Kb / 1P
IN LINE CABLE CONNECTOR (2-4) #12, (4-6) #16, (4-12) #20 SKT CONTACTS MULTI CONX INSTA-CLICK
Rev. 0A
W5Z85-XPG-P-3XX SWITCH-W5Z85-XPG-P-3XX Datasheet
130Kb / 1P
CABLE TO CABLE CONNECTOR (3 - 4) #14 PIN CONTACTS MULTI CONX INSTA-CLICK SCREW TERMINAL
Rev. 0A
W5Z85-XSG-P-3XX SWITCH-W5Z85-XSG-P-3XX Datasheet
134Kb / 1P
CABLE TO CABLE CONNECTOR (3 - 4) #14 PIN CONTACTS MULTI CONX INSTA-CLICK SCREW TERMINAL
Rev. 0A
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com