전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS-VSK.230..PBF 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 VS-VSK.230..PBF
상세설명  SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.230..PBF 데이터시트(HTML) 7 Page - Vishay Siliconix

  VS-VSK.230..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.230..PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VS-VSK.230..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 12-Nov-2018
7
Document Number: 93053
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
Two SCRs doubler circuit
KT
Available 800 V: contact factory for different requirements
SCR/diode doubler circuit, positive control
KH
Available 800 V: contact factory for different requirements
SCR/diode doubler circuit, negative control
KL
Available 800 V: contact factory for different requirements
Two SCRs common cathodes
KK
Available 800 V: contact factory for different requirements
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95086
VSKT...
+
-
~
~
+
-
K1G1 G2K2
VSKH...
+
-
~
~
+
-
K1G1
VSKL...
+
-
~
~
+
-
-
-
+
+
-
-
G2K2
VSKK...



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com