전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XM-014238-PC 데이터시트(PDF) 5 Page - Xmos Ltd.

부품명 XM-014238-PC
상세설명  XK-EVK-XU316 xcore.ai Evaluation Kit Manual
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XMOS [Xmos Ltd.]
홈페이지  https://www.xmos.ai/
Logo XMOS - Xmos Ltd.

XM-014238-PC 데이터시트(HTML) 5 Page - Xmos Ltd.

  XM-014238-PC Datasheet HTML 1Page - Xmos Ltd. XM-014238-PC Datasheet HTML 2Page - Xmos Ltd. XM-014238-PC Datasheet HTML 3Page - Xmos Ltd. XM-014238-PC Datasheet HTML 4Page - Xmos Ltd. XM-014238-PC Datasheet HTML 5Page - Xmos Ltd. XM-014238-PC Datasheet HTML 6Page - Xmos Ltd. XM-014238-PC Datasheet HTML 7Page - Xmos Ltd. XM-014238-PC Datasheet HTML 8Page - Xmos Ltd. XM-014238-PC Datasheet HTML 9Page - Xmos Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
XK-EVK-XU316 xcore.ai Evaluation Kit Manual
G: An LPDDR1 external memory
H: 58 GPIO connections from tile 0 and 1, arranged on 0.1” grids
Connectivity:
J: A micro USB connector for power and connection to a USB host
K: A WiFi module with aerial.
L: A MIPI connector for connection to a MIPI camera
Board support
M: An xSYS2 connector for connection to an xTAG debug adapter
N: A reset switch and a LED to indicate that the chip is running (not in reset)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20