| 전자부품 데이터시트 검색엔진 |
|
TDA4AL...ALZQ1 데이터시트(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4AL...ALZQ1 데이터시트(HTML) 37 Page - Texas Instruments |
|
37 / 251 page ![]() Table 6-2. Pin Attributes (ALZ Package) (continued) Ball Num [1] Ball Name [2] PADCFG Register [13] PADCFG Address [14] Signal Name [3] Mux Mode [4] Signal Type [5] I/O Voltage [6] Ball State DURING Reset (RX/TX/PULL) [7] Ball State AFTER Reset (RX/TX/PULL) [8] Mux Mode AFTER Reset [9] Power [10] Voltage Buffer Type [11] IO RET [12] L24 MCU_ADC0_AIN3 PADCFG: WKUP_PADCONFIG_80 0x4301C140 MCU_ADC0_AIN3 0 A 1.8 V 0 VDDA_ADC0 ADC12B No WKUP_GPIO0_74 7 I L27 MCU_ADC0_AIN4 PADCFG: WKUP_PADCONFIG_81 0x4301C144 MCU_ADC0_AIN4 0 A 1.8 V 0 VDDA_ADC0 ADC12B No WKUP_GPIO0_75 7 I K24 MCU_ADC0_AIN5 PADCFG: WKUP_PADCONFIG_82 0x4301C148 MCU_ADC0_AIN5 0 A 1.8 V 0 VDDA_ADC0 ADC12B No WKUP_GPIO0_76 7 I M27 MCU_ADC0_AIN6 PADCFG: WKUP_PADCONFIG_83 0x4301C14C MCU_ADC0_AIN6 0 A 1.8 V 0 VDDA_ADC0 ADC12B No WKUP_GPIO0_77 7 I M26 MCU_ADC0_AIN7 PADCFG: WKUP_PADCONFIG_84 0x4301C150 MCU_ADC0_AIN7 0 A 1.8 V 0 VDDA_ADC0 ADC12B No WKUP_GPIO0_78 7 I P25 MCU_ADC1_AIN0 PADCFG: WKUP_PADCONFIG_85 0x4301C154 MCU_ADC1_AIN0 0 A 1.8 V 0 VDDA_ADC1 ADC12B No WKUP_GPIO0_79 7 I R25 MCU_ADC1_AIN1 PADCFG: WKUP_PADCONFIG_86 0x4301C158 MCU_ADC1_AIN1 0 A 1.8 V 0 VDDA_ADC1 ADC12B No WKUP_GPIO0_80 7 I P28 MCU_ADC1_AIN2 PADCFG: WKUP_PADCONFIG_87 0x4301C15C MCU_ADC1_AIN2 0 A 1.8 V 0 VDDA_ADC1 ADC12B No WKUP_GPIO0_81 7 I P27 MCU_ADC1_AIN3 PADCFG: WKUP_PADCONFIG_88 0x4301C160 MCU_ADC1_AIN3 0 A 1.8 V 0 VDDA_ADC1 ADC12B No WKUP_GPIO0_82 7 I N25 MCU_ADC1_AIN4 PADCFG: WKUP_PADCONFIG_89 0x4301C164 MCU_ADC1_AIN4 0 A 1.8 V 0 VDDA_ADC1 ADC12B No WKUP_GPIO0_83 7 I P26 MCU_ADC1_AIN5 PADCFG: WKUP_PADCONFIG_90 0x4301C168 MCU_ADC1_AIN5 0 A 1.8 V 0 VDDA_ADC1 ADC12B No WKUP_GPIO0_84 7 I www.ti.com TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 37 Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |