| 전자부품 데이터시트 검색엔진 |
|
TDA4VL...ALZQ1 데이터시트(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VL...ALZQ1 데이터시트(HTML) 68 Page - Texas Instruments |
|
68 / 251 page ![]() Table 6-25. MCAN4 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN4_RX I MCAN Receive Data AD27 MCAN4_TX O MCAN Transmit Data AA28 Table 6-26. MCAN5 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN5_RX I MCAN Receive Data U27, W24 MCAN5_TX O MCAN Transmit Data AB28, T25 Table 6-27. MCAN6 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN6_RX I MCAN Receive Data V25, Y26 MCAN6_TX O MCAN Transmit Data AA25, AC28 Table 6-28. MCAN7 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN7_RX I MCAN Receive Data AB25, V27 MCAN7_TX O MCAN Transmit Data AB27, T24 Table 6-29. MCAN8 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN8_RX I MCAN Receive Data U24, Y27 MCAN8_TX O MCAN Transmit Data T23, W27 Table 6-30. MCAN9 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN9_RX I MCAN Receive Data AA26, AD26 MCAN9_TX O MCAN Transmit Data AA27, AC25 Table 6-31. MCAN10 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN10_RX I MCAN Receive Data AA24 MCAN10_TX O MCAN Transmit Data U25 Table 6-32. MCAN11 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN11_RX I MCAN Receive Data T28 MCAN11_TX O MCAN Transmit Data V28 Table 6-33. MCAN12 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN12_RX I MCAN Receive Data AC24, T26 MCAN12_TX O MCAN Transmit Data AB26, W25 Table 6-34. MCAN13 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALZ PIN MCAN13_RX I MCAN Receive Data AF28, AG25 TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1 SPRSP62 – DECEMBER 2022 www.ti.com 68 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1 |