전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

102SHF100JS1LE 데이터시트(PDF) 12 Page - Exxelia Group

부품명 102SHF100JS1LE
상세설명  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXXELIA [Exxelia Group]
홈페이지  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS1LE 데이터시트(HTML) 12 Page - Exxelia Group

Back Button 102SHF100JS1LE Datasheet HTML 8Page - Exxelia Group 102SHF100JS1LE Datasheet HTML 9Page - Exxelia Group 102SHF100JS1LE Datasheet HTML 10Page - Exxelia Group 102SHF100JS1LE Datasheet HTML 11Page - Exxelia Group 102SHF100JS1LE Datasheet HTML 12Page - Exxelia Group 102SHF100JS1LE Datasheet HTML 13Page - Exxelia Group 102SHF100JS1LE Datasheet HTML 14Page - Exxelia Group 102SHF100JS1LE Datasheet HTML 15Page - Exxelia Group 102SHF100JS1LE Datasheet HTML 16Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
CERAMIC CAPACITORS
128
www.exxelia.com
info@exxelia.com
Taping : dimensions
Page revised 06/20
The thermal resistance Vc of the capacitor is:
1
=
2
V
c V
(11)
and
V
=
L/2
A x l
(12)
therefore
V
c =
L
4 x A x l
(13)
Where
l
is the coefficient of thermal conductivity of the ceramic body W.cm–1.C–1
A is the section surface (thickness x width) (cm2)
L is the length of the capacitor (cm)
The geometry of the capacitor (A/S) influences the thermal resistance. For example
0711 size (Exxelia reference=SHD) has a factor A/S more beneficial than 1111 size to
reduce thermal resistance of the capacitor.
Considering the non-stationary state, we must solve equation (10). For example if we
consider a capacitor an initial temperature Tamb and a final temperature Tmax, we may
use the following equation for the temperature evolution: [2]
T(t) = Tmax. – (Tmax. –Tamb.)exp (–
t
)
mCpVc
(14)
Where :
m is the mass of the capacitor
Cp is the thermal capacity
V
c is the capacitor thermal resistance
Example of the temperature evolution inside the capacitor
where Tamb= 25°C and Tmax= 28.3°C
I.4. Global Power Model
All the above parameters have to be kept in mind when designing a high RF power
function. The capacitors used in the application should be fine-tuned to make sure their
voltage rating, their current rating and their heat transfer capabilities are in line with the
required specifications. Moreover, the specifications do not only include the capacitor
by itself, but also the PCB properties and the environment where the complete system
operates.
Let’s consider for instance the Global Power Model of a single capacitor mounted on a
PCB studied at a working frequency of 50 MHz.
The component characteristics are as-follows:
Type: EXXELIA CLE series
Voltage rating: 7’000 VDC
Capacitance value: 22 pF
First, the size of the component will give the capacitor thermal resistance – its ability
to dissipate heat. Then, in the PCB specification, we will look for its thermal resistance
properties. The environment – how the system is working in normal/maximum opera-
tion – will tell us the theoretical ambient temperature. Finally, the capacitor electrical
parameters will be used – capacitance value, voltage rating and ESR.
All these data are compelled in a simulation program which calculates the maximum
current rating of the capacitor for the considered system, at one particular frequency:
As previously written, the current rating assigned to a capacitor is stated in one of two
ways: voltage limited or power dissipation limited. The software calculates both limita-
tions: Iv for the voltage and Ip for the power. Finally, the smallest value is taken as it
represents the first limitation the user will reach when using the system.
In the example above at 50MHz, the capacitor, according to its power dissipation limita-
tion, should handle around 52A (Ip) but the voltage limitation will actually not allow it to
handle more than 34A (Iv). If the capacitance function has to handle more current, then
the designer has to switch to the “n-chip” model and to use a combination of several
capacitors, a.k.a as Power Capacitor Solutions.
II. POWER CAPACITOR SOLUTIONS
More RF power means either a higher current or a higher voltage, sometimes both. As
the current and voltage laws are quite fixed for capacitors – physical limitations give
few options on dielectric thickness and number of electrodes which are key to handle
more power in a single component – the only way to handle more power, for a given
ultra-low ESR series, is to increase the number of capacitors.
This led to a new branch of capacitor knowledge dedicated to thermal and power anal-
ysis, mechanical assembly, high temperature PCB soldering and specific RF test pro-
cedures.
The Power Capacitor Solutions are especially dedicated to applications where high
reliability, high operating voltages, high operating currents, ultra-low ESR and tighter
tolerances are required. Most of these applications are found in the following markets:
Medical Electronics;
Broadcasting Equipment;
Semiconductor Manufacturing;
Inductive Heating;
LASER Power Supplies;
MRI High Magnetic Environments;
Military Systems.
II.1. Parallel Combinations
To deal with a higher operating current or to further reduce our ultra-low ESR, one can
use combinations of HiQ ceramic capacitors in parallel – current rating multiplied.
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com