전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

102SHT100CS6LE 데이터시트(PDF) 31 Page - Exxelia Group

부품명 102SHT100CS6LE
상세설명  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXXELIA [Exxelia Group]
홈페이지  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100CS6LE 데이터시트(HTML) 31 Page - Exxelia Group

Back Button 102SHT100CS6LE Datasheet HTML 26Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 27Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 28Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 29Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 30Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 31Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 32Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 33Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 34Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
CERAMIC CAPACITORS
13
info@exxelia.com
www.exxelia.com
Page revised 06/20
General characteristics
• leave the tip on the footprint for a few seconds in order to increase locally the
footprint’s temperature,
• use a cored wire solder and put it down on the iron tip. In a preferred way use
Sn/Pb/Ag 62/36/2 alloy,
• wait until the solder fillet is formed on the capacitor’s termination,
• take away iron and wire solder,
• wait a few minutes so that the substrate and capacitor come back down to
the preheating temperature,
• solder the second termination using the same procedure as the first,
• let the soldered component cool down slowly to avoid any thermal shock.
PACKAGING
TAPE AND REEL
The films used on the reels correspond to standard IEC 60286-3. Films are de-
livered on reels in compliance with document IEC 286-3 dated 1991.
Minimum quantity is 250 chips.
Maximum quantities per reel are as follows:
• Super 8 reel - Ø 180: 2,500 chips.
• Super 8 reel - Ø 330: 10,000 chips.
• Super 12 reel - Ø 180: 1,000 chips.
Reel marking complies with CECC 32100 standard:
• Model.
• Rated capacitance.
• Capacitance tolerance.
• Rated voltage.
• Batch number.
User Guide
Sizes
Nr. of chips/
package
Oriented chips
Dimensions in inches (in mm)
A
B
C
D
E
0402
100
No
Ø 0.112 (Ø 3.02)
0.065 (1.65)
0.167 (4.24)
2 (50.8)
0403
100
No
Ø 0.112 (Ø 3.02)
0.065 (1.65)
0.167 (4.24)
2 (50.8)
0504
100
Yes
0.059 (1.5)
0.045 (1.14)
0.035 (0.89)
0.167 (4.24)
2 (50.8)
0603
340
Yes
0.1 (2.54)
0.06 (1.52)
0.045 (1.14)
0.167 (4.24)
2 (50.8)
0805
100
Yes
0.1 (2.54)
0.06 (1.52)
0.045 (1.14)
0.167 (4.24)
2 (50.8)
1206
100
No
0.14 (3.56)
0.14 (3.56)
0.06 (1.52)
0.167 (4.24)
2 (50.8)
1210
100
Yes
0.14 (3.56)
0.14 (3.56)
0.06 (1.52)
0.167 (4.24)
2 (50.8)
1812
100
No
0.25 (6.35)
0.25 (6.35)
0.13 (3.3)
0.345 (8.76)
4 (101.6)
25
Yes
0.24 (6.1)
0.265 (6.73)
0.07 (1.78)
0.345 (8.76)
2 (50.8)
2220
100
Yes
0.25 (6.35)
0.25 (6.35)
0.13 (3.3)
0.345 (8.76)
4 (101.6)
25
Yes
0.24 (6.1)
0.265 (6.73)
0.07 (1.78)
0.345 (8.76)
2(50.8)
DIMENSIONAL CHARACTERISTICS OF CHIPS TRAY PACKAGES
HIGH Q CAPACITORS TAPE AND REEL PACKAGING SPECIFICATIONS
Chips tray depth: C
E
E
A
D
D
B
TRAY PACKAGES
Sizes
Type (1)
W±0.3
inches (mm)
F ±0.05
inches (mm)
P1 ±0.1
inches (mm)
T max.
inches (mm)
Reel Size
inches (mm)
Quantity per Reel
A (0505)
H
0,315 (8)
0,138 (3.5)
0,157 (4)
0,010 (0,25)
7,087 (180)
3’000
A (0505)
V
0,315 (8)
0,138 (3.5)
0,157 (4)
0,010 (0,25)
7,087 (180)
3’000
S (0603)
H
0,315 (8)
0,138 (3.5)
0,157 (4)
0,016 (0,4)
7,087 (180)
4’000
F (0805)
H
0,315 (8)
0,138 (3.5)
0,157 (4)
0,016 (0,4)
7,087 (180)
4’000
B (1111)
H
0,315 (8)
0,138 (3.5)
0,157 (4)
0,012 (0,3)
7,087 (180)
1’000
B (1111)
V
0,315 (8)
0,138 (3.5)
0,157 (4)
0,010 (0,25)
7,087 (180)
1’000
X (2225)
H
0,472 (12)
0,138 (5.5)
0,472 (12)
0,018 (0,45)
12,992 (330)
500
E (4040)
H
0,945 (24)
0,453±0,004 (11.5±0.1)
0,630 (16)
0,018 (0,45)
12,992 (330)
700
E (4040)
V
1,260 (32)
0,559±0,004 (14.2 ±0.1)
0,945 (24)
0,022 (0,55)
15 (381)
350
(1): Horizontal (H) or Vertical (V) orientation in cavities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com