전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

102SHF100JS6LE 데이터시트(PDF) 28 Page - Exxelia Group

부품명 102SHF100JS6LE
상세설명  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXXELIA [Exxelia Group]
홈페이지  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE 데이터시트(HTML) 28 Page - Exxelia Group

Back Button 102SHF100JS6LE Datasheet HTML 24Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 25Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 26Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 27Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 28Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 29Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 30Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 31Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 32Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
CERAMIC CAPACITORS
10
www.exxelia.com
info@exxelia.com
Page revised 06/20
Taping : dimensions
SMD TERMINATIONS
NON RoHS
COMPLIANT
Code
RoHS
COMPLIANT
Code
Magnetic
Recommended mounting process
Storage
(months)*
Epoxy
bonding
Iron
soldering
Wave
soldering
Vapor
phase
soldering
Infrared
soldering
Wire
bonding
Ag
Q
Ag
QW / P
No
••••
18
Ag/Pd/Pt
-
Ag/Pd/Pt
W / A
No
•••
24
Ag + Ni +
dipped Sn/Pb
60/40
T**
-
-
No
••••
24
Ag/Pd/Pt
+ dipped
Sn/Pb 60/40
H
Ag/Pd/Pt
+ dipped Sn
HW
No
•
24
Ag + Ni
+ electrolytic
Sn/Pb 95/5
C
Ag + Ni
+ electrolytic
Sn
CW / S
Yes
••••
18
Ag + Ni
+ electrolytic
Sn/Pb 60/40
D
-
-
Yes
••••
18
-
-
Ag + Cu
+ electrolytic
Sn
C***
No
••••
18
Ag + Ni
+ dipped
Sn/Pb 60/40
E
Ag + Ni
+ electrolytic
Sn
EW
Yes
••
24
Ag + Ni + Au
G
Ag + Ni + Au
GW
Yes
••••••
36
Ag + Polymer
+ Ni + Sn/Pb
95/5
YC
Ag + Polymer
+ Ni + Sn
YCW
Yes
••••
18
Ag + Polymer
+ Ni + Sn/Pb
60/40
YD
-
-
Yes
••••
18
Ag + Polymer
+ Ni + Au
YG
Ag + Polymer
+ Ni + Au
YGW
Yes
••••••
36
Nickel (Ni) or Copper (Cu) barriers amplify thermal shock and are not recommended for chip sizes larger than 3030.
*
Storage must be in a dry environment at a temperature of 20°C with a relative humidity below 50%, or preferably in a package enclosing a desiccant.
** Maintenance only.
*** Non magnetic chips series only.
SMD ENVIRONMENTAL TESTS
Ceramic chip capacitors for SMD are designed to meet test requirements of
CECC 32100 and NF C 93133 standards as specified below in compliance with
NF C 20700 and IEC 68 standards:
• Solderability: NF C 20758, 260°C, bath 62/36/2.
• Adherence: 5N force.
• Vibration fatigue test: NF C 20706, 20 g, 10 Hz to 2,000 Hz, 12 cycles of
20 minutes each.
• Rapid temperature change: NF C 20714, –55°C to + 125°C, 5 cycles.
• Combined climatic test: IEC 68-2-38.
• Damp heat: NF C 20703, 93 %, H.R., 40°C.
• Endurance test: 1,000 hours, 1.5 URC, 125°C.
STORAGE OF CHIP CAPACITORS
TINNED OR NON TINNED CHIP CAPACITORS
Storage must be in a dry environment at a temperature of 20°C with a relative
humidity below 50 %, or preferably in a packaging enclosing a desiccant.
STORAGE IN INDUSTRIAL ENVIRONMENT:
• 2 years for tin dipped chip capacitors,
• 18 months for tin electroplated chip capacitors,
• 2 years for non tinned chip capacitors,
• 3 years for gold plated chip capacitors.
STORAGE IN CONTROLLED NEUTRAL NITROGEN ENVIRONMENT:
• 4 years for tin dipped or electroplated chip capacitors,
• 4 years for non tinned chip capacitors,
• 5 years for gold plated chip capacitors.
Storage duration should be considered from delivery date and not from batch
manufacture date. The tests carried out at final acceptance stage (solderabili-
ty, susceptibility to solder heat) enable to assess the compatibility to surface
mounting of the chips.
User Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com