전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAF1080 데이터시트(PDF) 29 Page - Analog Devices

부품명 ADAF1080
상세설명  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 데이터시트(HTML) 29 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 25Page - Analog Devices ADAF1080 Datasheet HTML 26Page - Analog Devices ADAF1080 Datasheet HTML 27Page - Analog Devices ADAF1080 Datasheet HTML 28Page - Analog Devices ADAF1080 Datasheet HTML 29Page - Analog Devices ADAF1080 Datasheet HTML 30Page - Analog Devices ADAF1080 Datasheet HTML 31Page - Analog Devices ADAF1080 Datasheet HTML 32Page - Analog Devices ADAF1080 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
ADAF1080
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 29 of 36
OUTPUT ANTI-ALIAS FILTER
The ADAF1080 integrates an output driver to directly drive ADC
inputs without the need for additional active components.
A passive anti-alias low-pass filter is recommended (ROUT and
COUT) to prevent the ADC from aliasing higher frequency noise
and interferers. Choose values for the output resistor (ROUT) and
capacitor (COUT), as shown in Figure 50 and Table 17, according to
the bandwidth and noise requirements in the application. Take ADC
requirements into account for determining these values.
For high bandwidth applications, the ADC sampling event can
be synchronized with the chopping feature of the ADAF1080, as
explained in the Amplifier Synchronization section, to avoid intermo-
dulation distortion, using the SYNC pin set according to Table 15.
Table 17 details typical ROUT and COUT values for different band-
width requirements.
Table 17. Recommended ROUT and COUT Values for Different Filter Bandwidth on the VOUT Pin and Recommended Amplifier Modes
3 dB Bandwidth
ROUT
COUT
Recommended Chopping Mode
1 kHz
16 kΩ
10 nF
SYNC_EN = VDD and SYNC = GND or fSYNC
10 kHz
1.6 kΩ
10 nF
SYNC_EN = VDD and SYNC = or fSYNC
20 kHz
820 Ω
10 nF
SYNC_EN = VDD and SYNC = or fSYNC
25 kHz
620 Ω
10 nF
Chopping disabled: SYNC_EN = GND and SYNC = VDD
External sync: SYNC_EN = VDD and SYNC = fSYNC
100 kHz
200 Ω
8.2 nF
Chopping disabled: SYNC_EN = GND and SYNC = VDD
External sync: SYNC_EN = VDD and SYNC = fSYNC
200 kHz
200 Ω
3.9 nF
Chopping disabled: SYNC_EN = GND and SYNC = VDD
External sync: SYNC_EN = VDD and SYNC = fSYNC
1 MHz
200 Ω
750 pF
Chopping disabled: SYNC_EN = GND and SYNC = VDD
External sync: SYNC_EN = VDD, SYNC = fSYNC
2 MHz
200 Ω
330 pF
Chopping disabled: SYNC_EN = GND and SYNC = VDD
External sync: SYNC_EN = VDD and SYNC = fSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com