| 전자부품 데이터시트 검색엔진 |
|
TLP3549F 데이터시트(PDF) 11 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP3549F 데이터시트(HTML) 11 Page - Toshiba Semiconductor |
|
11 / 20 page ![]() TLP3549,TLP3549F 11 20. 20. 20. 20. EN 60747-5-5 Option (D4) Specification EN 60747-5-5 Option (D4) Specification EN 60747-5-5 Option (D4) Specification EN 60747-5-5 Option (D4) Specification • Part number: TLP3549, TLP3549F (Note) (Note) (Note) (Note) • The following part naming conventions are used for the devices that have been qualified according to option (D4) of EN 60747. Example: TLP3549(D4,TP1,F D4: EN 60747 option TP1: Tape type F: [[G]]/RoHS COMPATIBLE (Note 1) (Note 1) (Note 1) (Note 1) Note: Use TOSHIBA standard type number for safety standard application. e.g., TLP3549(D4,TP1,F → TLP3549 Note 1: Please contact your Toshiba sales representative for details on environmental information such as the product's RoHS compatibility. RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. Fig. Fig. Fig. Fig. 20.1 20.1 20.1 20.1 EN 60747 Insulation Characteristics EN 60747 Insulation Characteristics EN 60747 Insulation Characteristics EN 60747 Insulation Characteristics 2019-11-14 Rev.5.0 ©2016-2019 Toshiba Electronic Devices & Storage Corporation |