| 전자부품 데이터시트 검색엔진 |
|
DS1090U-2 데이터시트(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS1090U-2 데이터시트(HTML) 2 Page - Maxim Integrated Products |
|
2 / 8 page ![]() Low-Frequency, Spread-Spectrum EconOscillator 2 _____________________________________________________________________ ABSOLUTE MAXIMUM RATINGS RECOMMENDED DC OPERATING CONDITIONS (TA = -40°C to +85°C) DC ELECTRICAL CHARACTERISTICS (VCC = +3.0V to +5.5V, TA = -40°C to +85°C, unless otherwise noted.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Voltage Range on VCC Relative to Ground ...........-0.5V to +6.0V Voltage Range on Input Pins Relative to Ground.................................-0.5V to (VCC + 0.5V), not to exceed 6.0V Operating Temperature Range ...........................-40 °C to +85°C Storage Temperature Range .............................-55 °C to +125°C Soldering Temperature .......................................See IPC/JEDEC J-STD-020A Specification PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Supply Voltage VCC (Note 1) 3.0 5.5 V Input Logic 1 (J0, J1, JC0, JC1) VIH 0.7 x VCC VCC + 0.3 V Input Logic 0 (J0, J1, JC0, JC1) VIL -0.3 +0.3 x VCC V PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS CL = 15pF, VCC = 3.3V, RSET = 40k Ω 1.4 Supply Current ICC CL = 15pF, VCC = 5.5V, RSET = 40k Ω 1.7 3 mA IOH = -4mA High-Level Output Voltage (OUT) VOH VCC = min 2.4 V Low-Level Output Voltage (OUT) VOL IOL = 4mA 0.4 V High-Level Input Current (J0, J1, JC0, JC1) IIH VIH = VCC +1.0 µA Low-Level Input Current (J0, J1, JC0, JC1) IIL VIL = 0V -1.0 µA Resistor Current IRES VCC = max 150 µA |