| 전자부품 데이터시트 검색엔진 |
|
EP2016 데이터시트(PDF) 2 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
EP2016 데이터시트(HTML) 2 Page - Hammond Manufacturing Ltd. |
|
2 / 3 page ![]() Handles Replacement Hinge Pins Window Kits Climate Control Lighting General Accessories 304 S.S. 316 S.S. Enclosure Optional Inner Panel Part No. Part No. H W D Latch Type Part No. H W EN4SD12126SS EN4SD12126S16 12.00 12.00 6.00 A EP1212 10.20 10.20 EN4SD16126SS EN4SD16126S16 16.00 12.00 6.00 A EP1612 14.20 10.20 EN4SD16166SS EN4SD16166S16 16.00 16.00 6.00 A EP1616 14.20 14.20 EN4SD16206SS - 16.00 20.00 6.00 A EP1620 14.20 18.20 EN4SD20166SS EN4SD20166S16 20.00 16.00 6.00 A EP2016 18.20 14.20 EN4SD20206SS EN4SD20206S16 20.00 20.00 6.00 A EP2020 18.20 18.20 EN4SD24206SS - 24.00 20.00 6.00 A EP2420 22.20 18.20 EN4SD16128SS EN4SD16128S16 16.00 12.00 8.00 A EP1612 14.20 10.20 EN4SD16168SS EN4SD16168S16 16.00 16.00 8.00 A EP1616 14.20 14.20 EN4SD16208SS EN4SD16208S16 16.00 20.00 8.00 A EP1620 14.20 18.20 EN4SD20168SS EN4SD20168S16 20.00 16.00 8.00 A EP2016 18.20 14.20 EN4SD20208SS EN4SD20208S16 20.00 20.00 8.00 A EP2020 18.20 18.20 EN4SD20248SS - 20.00 24.00 8.00 A EP2024 18.20 22.20 EN4SD24168SS EN4SD24168S16 24.00 16.00 8.00 A EP2416 22.20 14.20 EN4SD24208SS EN4SD24208S16 24.00 20.00 8.00 A EP2420 22.20 18.20 EN4SD24248SS EN4SD24248S16 24.00 24.00 8.00 A EP2424 22.20 22.20 EN4SD24308SS EN4SD24308S16 24.00 30.00 8.00 A EP2430 22.20 28.20 EN4SD30208SS - 30.00 20.00 8.00 A EP3020 28.20 18.20 EN4SD30248SS EN4SD30248S16 30.00 24.00 8.00 A EP3024 28.20 22.20 EN4SD30308SS EN4SD30308S16 30.00 30.00 8.00 A EP3030 28.20 28.20 EN4SD36248SS EN4SD36248S16 36.00 24.00 8.00 A EP3624 34.20 22.20 EN4SD36308SS EN4SD36308S16 36.00 30.00 8.00 A EP3630 34.20 28.20 EN4SD42368SSR - 42.00 36.00 8.00 A EP4236 40.20 34.20 EN4SD48368SSR - 48.00 36.00 8.00 A EP4836 46.20 34.20 EN4SD161210SS EN4SD161210S16 16.00 12.00 10.00 A EP1612 14.20 10.20 EN4SD161610SS EN4SD161610S16 16.00 16.00 10.00 A EP1616 14.20 14.20 EN4SD162010SS EN4SD162010S16 16.00 20.00 10.00 A EP1620 14.20 18.20 EN4SD201610SS EN4SD201610S16 20.00 16.00 10.00 A EP2016 18.20 14.20 EN4SD202010SS EN4SD202010S16 20.00 20.00 10.00 A EP2020 18.20 18.20 EN4SD202410SS EN4SD202410S16 20.00 24.00 10.00 A EP2024 18.20 22.20 EN4SD241610SS EN4SD241610S16 24.00 16.00 10.00 A EP2416 22.20 14.20 EN4SD242010SS EN4SD242010S16 24.00 20.00 10.00 A EP2420 22.20 18.20 EN4SD242410SS EN4SD242410S16 24.00 24.00 10.00 A EP2424 22.20 22.20 EN4SD243010SS EN4SD243010S16 24.00 30.00 10.00 A EP2430 22.20 28.20 EN4SD302010SS EN4SD302010S16 30.00 20.00 10.00 A EP3020 28.20 18.20 EN4SD302410SS EN4SD302410S16 30.00 24.00 10.00 A EP3024 28.20 22.20 EN4SD303010SS EN4SD303010S16 30.00 30.00 10.00 A EP3030 28.20 28.20 EN4SD362410SS EN4SD362410S16 36.00 24.00 10.00 A EP3624 34.20 22.20 EN4SD363010SS EN4SD363010S16 36.00 30.00 10.00 A EP3630 34.20 28.20 EN4SD363610SSR EN4SD363610S16R 36.00 36.00 10.00 A EP3636 34.20 34.20 EN4SD423010SSR - 42.00 30.00 10.00 A EP4230 40.20 28.20 EN4SD423610SSR EN4SD423610S16R 42.00 36.00 10.00 A EP4236 40.20 34.20 |