전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24AA256-I/ST 데이터시트(PDF) 20 Page - Microchip Technology

부품명 24AA256-I/ST
상세설명  256K I2C Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256-I/ST 데이터시트(HTML) 20 Page - Microchip Technology

Back Button 24AA256-I/ST Datasheet HTML 16Page - Microchip Technology 24AA256-I/ST Datasheet HTML 17Page - Microchip Technology 24AA256-I/ST Datasheet HTML 18Page - Microchip Technology 24AA256-I/ST Datasheet HTML 19Page - Microchip Technology 24AA256-I/ST Datasheet HTML 20Page - Microchip Technology 24AA256-I/ST Datasheet HTML 21Page - Microchip Technology 24AA256-I/ST Datasheet HTML 22Page - Microchip Technology 24AA256-I/ST Datasheet HTML 23Page - Microchip Technology 24AA256-I/ST Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
24AA256/24LC256/24FC256
DS20001203W-page 20
 1998-2019 Microchip Technology Inc.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42