| 전자부품 데이터시트 검색엔진 |
|
MCP9601TTE/MX 데이터시트(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9601TTE/MX 데이터시트(HTML) 27 Page - Microchip Technology |
|
27 / 57 page ![]() 2015-2021 Microchip Technology Inc. DS20005426G-page 27 MCP960X/L0X/RL0X The MCP960X/L0X/RL0X device has several registers that are user-accessible. These registers include the Thermocouple Temperature (cold-junction compen- sated), Hot-Junction Temperature, Cold-Junction Tem- perature, Raw ADC Data, user-programmable Alert Limit registers, and STATUS and Configuration regis- ters. The Temperature and the Raw ADC Data registers are read-only registers, used to access the thermocouple and the ambient temperature data. In addition, the four Alert Temperature registers are individually controlled, and can be used to detect a rising and/or a falling temperature change. If the ambient temperature drifts beyond the user-specified limits, the MCP960X/L0X/RL0X device outputs an alert flag at the corresponding pin (refer to Section 5.3.3 “Alert Con- figuration Registers”). The alert limits can also be used to detect critical temperature events. The MCP960X/L0X/RL0X also provides STATUS and Configuration registers, which allow users to detect device statuses. The Configuration registers provide various features, such as adjustable temperature measurement resolution and Shutdown modes. The thermocouple types can also be selected using the Configuration registers. The registers are accessed by sending a Register Pointer to the MCP960X/L0X/RL0X using the serial interface. This is an 8-bit write-only pointer. Register 5-1 describes the pointer definitions. REGISTER 5-1: REGISTER POINTER U-0 U-0 W-0 W-0 W-0 W-0 W-0 W-0 —— P[5:0] bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-6 Unimplemented: Read as ‘0’ bit 5-0 P[5:0]: Pointer bits 0000 0000 = Thermocouple Hot-Junction register, TH 0000 0001 = Junctions Temperature Delta register, TΔ 0000 0010 = Cold-Junction Temperature register, TC 0000 0011 = Raw ADC Data register 0000 0100 = STATUS register 0000 0101 = Thermocouple Sensor Configuration register 0000 0110 = Device Configuration register 0000 1000 = Alert 1 Configuration register 0000 1001 = Alert 2 Configuration register 0000 1010 = Alert 3 Configuration register 0000 1011 = Alert 4 Configuration register 0000 1100 = Alert 1 Hysteresis register, THYST1 0000 1101 = Alert 2 Hysteresis register, THYST2 0000 1110 = Alert 3 Hysteresis register, THYST3 0000 1111 = Alert 4 Hysteresis register, THYST4 0001 0000 = Temperature Alert 1 Limit register, TALERT1 0001 0001 = Temperature Alert 2 Limit register, TALERT2 0001 0010 = Temperature Alert 3 Limit register, TALERT3 0001 0011 = Temperature Alert 4 Limit register, TALERT4 0010 0000 = Device ID/Revision register |