전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24C00E/P 데이터시트(PDF) 25 Page - Microchip Technology

부품명 24C00E/P
상세설명  128-Bit I2C Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C00E/P 데이터시트(HTML) 25 Page - Microchip Technology

Back Button 24C00E/P Datasheet HTML 21Page - Microchip Technology 24C00E/P Datasheet HTML 22Page - Microchip Technology 24C00E/P Datasheet HTML 23Page - Microchip Technology 24C00E/P Datasheet HTML 24Page - Microchip Technology 24C00E/P Datasheet HTML 25Page - Microchip Technology 24C00E/P Datasheet HTML 26Page - Microchip Technology 24C00E/P Datasheet HTML 27Page - Microchip Technology 24C00E/P Datasheet HTML 28Page - Microchip Technology 24C00E/P Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
 1996-2018 Microchip Technology Inc.
DS20001178J-page 25
24AA00/24LC00/24C00
0.15 C D
2X
NOTE 1
12
N
TOP VIEW
SIDE VIEW
Microchip Technology Drawing C04-028D [OT] Sheet 1 of
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
0.20 C
C
SEATING PLANE
A
A2
A1
e
NX b
B
0.20
C A-B D
e1
D
E1
E1/2
E/2
E
D
A
0.20 C 2X
(DATUM D)
(DATUM A-B)
A
A
SEE SHEET 2
5-Lead Plastic Small Outline Transistor (OT) [SOT23]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34