| 전자부품 데이터시트 검색엔진 |
|
MFS8610BMDA0ES 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS8610BMDA0ES 데이터시트(HTML) 1 Page - NXP Semiconductors |
|
1 / 16 page ![]() FS8600_SDS Fail-safe system basis chip with multiple SMPSs and LDOs Rev. 2.0 — 7 December 2022 Product short data sheet 1 General description The FS86 device family, which is SW compatible with the FS84/85 family, expands the power capability, the safety integration and the system scalability of domain controller applications to address the multiple MCU requirements present in ADAS, radar and electrification applications. The FS86 includes multiple switch mode and linear voltage regulators, and enhanced safety features with fail-safe outputs. The latest NXP HV buck architecture features a 15 A capability with e-fuse protection to shut down the system power, to prevent any damage in case of a harmful event. The ability to monitor ten voltages with +/-1% accuracy extends the system safety concept by allowing QM rails from others components to be monitored. With its innovative synchronization feature, the FS86 is part of the BYLink system power platform, enabling a new smart approach to designing safe system power management. It provides power, safety and system scalability to ease platform development strategies. Cascaded system SBC/PMICs behave as ONE with safety and sequencing synchronization. The FS86 is part of a complete family of devices that offer scalability in power and safety, and provide pin-to-pin and software compatibility. It is developed in compliance with the ISO 26262 standard and is qualified according to AEC-Q100 requirements. |
유사한 부품 번호 - MFS8610BMDA0ES |
|
유사한 설명 - MFS8610BMDA0ES |