전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29DL640G70 데이터시트(PDF) 47 Page - Advanced Micro Devices

부품명 AM29DL640G70
상세설명  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640G70 데이터시트(HTML) 47 Page - Advanced Micro Devices

Back Button AM29DL640G70 Datasheet HTML 43Page - Advanced Micro Devices AM29DL640G70 Datasheet HTML 44Page - Advanced Micro Devices AM29DL640G70 Datasheet HTML 45Page - Advanced Micro Devices AM29DL640G70 Datasheet HTML 46Page - Advanced Micro Devices AM29DL640G70 Datasheet HTML 47Page - Advanced Micro Devices AM29DL640G70 Datasheet HTML 48Page - Advanced Micro Devices AM29DL640G70 Datasheet HTML 49Page - Advanced Micro Devices AM29DL640G70 Datasheet HTML 50Page - Advanced Micro Devices AM29DL640G70 Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
June 7, 2002
Am29DL640G
47
PR E L I M I N A R Y
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. Figure indicates last two bus cycles of a program or erase operation.
2. PA = program address, SA = sector address, PD = program data.
3. DQ7# is the complement of the data written to the device. D
OUT is the data written to the device.
4. Waveforms are for the word mode.
Figure 26.
Alternate CE# Controlled Write (Erase/Program) Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52