| 전자부품 데이터시트 검색엔진 |
|
T0505DH 데이터시트(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
T0505DH 데이터시트(HTML) 3 Page - STMicroelectronics |
|
3 / 5 page ![]() 012 34 5 0 1 2 3 4 5 6 7 180 O = 180 o = 120 o =90 o =60 o =30 o T(RMS) I (A) P(W) Fig.1 : Maximum RMS power dissipation versus RMS on-state current. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 0 1 2 3 4 5 6 = 180 o Tcase( C) o I (A) T(RMS) Fig.3 : RMS on-state current versus case tempera- ture. 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 Igt Tj( C) o Ih -40 -20 0 20 40 60 80 100 120 140 Igt[Tj] Igt[Tj=25 C] o Ih[Tj] Ih[Tj=25 C] o Fig.5 : Relative variation of gate trigger current and holding current versus junction temperature. 0 20 40 60 80 100 120 140 0 1 2 3 4 5 6 7 -100 -105 -110 -115 -120 -125 Rth = 0 C/W 5 C/W 10 C/W 15 C/W o o o o Tamb ( C) o P(W) Tcase ( C) o Fig.2 : Correlation between maximum RMS power dissipation and maximum allowable temperature (Tamb and Tcase) for different thermal resistances heatsink + contact. 1E-3 1E-2 1E-1 1E +0 1 E +1 1E +2 5 E+2 0.01 0.1 1 Zth/Rth Zt h( j-c ) Zt h( j-a ) tp (s ) Fig.4 : Relative variation of thermal impedance versus pulse duration. 1 10 100 100 0 0 5 10 15 20 25 30 35 40 Tj initial = 25 C o Number of cycles I (A) TSM Fig.6 : Non repetitive surge peak on-state current versus number of cycles. ® T0505xH / T0509xH 3/5 |