전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCF8103 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TPCF8103
상세설명  TRANSISTOR SILICON P CHANNEL MOS TYPE(U竊뛏OS??
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8103 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TPCF8103 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8103 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8103 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOSHIBA
TPCF8103
ELECTRICAL CHARACTERISTICS(Ta=25℃)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate Leakage Current
IGSS
VGS=±8V,VDS=0V
−
−
±10
μA
Drain Cut-off Current
IDSS
VDS=-20V,VGS=0V
−
−
-10
μA
V(BR)DSS
ID=-10mA,VGS=0V
-20
−
−
V
Drain-Source Breakdown
Voltage
V(BR)DSX
ID=-10mA,VGS=8V
-8
−
−
V
Gate Threshold Voltage
Vth
VDS=-10V,ID=-200µA
-0.5
−
-1.2
V
VGS=-1.8V,ID=-1.4A
−
215
300
VGS=-2.5V,ID=-2.8A
−
110
160
Drain-Source ON Resistance
RDS(ON)
VGS=-4.5V,ID=-2.8A
−
72
110
mΩ
Forward Transfer Admittance
│Yfs│
VDS=-10V,ID=-2.8A
3.0
6.0
−
S
Input Capacitance
Ciss
−
470
−
Reverse Transfer Capacitance
Crss
−
70
−
Output Capacitance
Coss
VDS=-10V,VGS=0V
f=1MHz
−
80
−
pF
Rise Time
tr
−
5
−
Turn-on Time
ton
−
9
−
Fall Time
tf
−
8
−
Switching
Time
Turn-off Time
toff
−
26
−
ns
Total Gate Charge (Gate-Source
Plus Gate-Drain)
Qg
−
6
−
Gate-Source Charge
Qgs
−
4.5
−
Gate-Drain(“Miller”)Charge
Qgd
VDD≒-16V,VGS=-5V
ID=-2.7A
−
1.5
−
nC
SOURCE - DRAIN DIODE RATINGS AND CHARACTERISTICS(Ta=25℃)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Pulse Drain Reverse Current
(Note1)
IDRP
−
−
−
-10.8
A
Diode Forward Voltage
VDSF
IDR=-2.7A,VGS=0V
−
−
1.2
V
Note1
Please use devices on condition that the channel temperature is below 150℃.
Note2:
(a) Device mounted on glass-epoxy board (a)
(b) Device mounted on glass-epoxy board (b)
FR-4
FR-4
25.4×25.4×0.8
25.4×25.4×0.8
(Unit in mm)
(Unit in mm)
(a)
(b)
Note3:
VDD=-16V, Tch=25℃(initial), L=0.5mH, RG=25Ω, IAR=-1.35A
Note4:
Repetitive rating ; Pulse Width Limited by Max. Channel Temperature.
RL=7.14Ω
VOUT
VDD≒-10V
ID=-1.4A
0V
VGS
-5V
Duty≦1%,tw=10us
4.7Ω
Tentative
Tentative
Tentative
Tentative



Html Pages

1 2 3