| 전자부품 데이터시트 검색엔진 |
|
ACT4404N-2 데이터시트(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT4404N-2 데이터시트(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 8 page ![]() 2 SCD4404N Rev C FIGURE 1 – TRANSMITTER LOGIC WAVEFORMS IDEALIZED FIGURE 2 – RECEIVER LOGIC WAVEFORMS IDEALIZED DATA IN DATA IN INHIBIT LINE TO LINE OUTPUT Notes: 2. DATA and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them. 3. DATA and DATA must be in the same state during off time (both high or low). 1. Line to line waveforms illustrate Macair signals, MIL-STD-1553 signals are trapezoidal. Note overlap LINE TO LINE INPUT DATA OUT DATA OUT 1. Normally high output in standby. Notes: SHAPING OUTPUT STAGE COMP. COMP. ACTIVE FILTER INPUT AMP DRIVER TX DATA IN TX DATA IN TX INHIBIT +5 V RX DATA IN RX DATA IN STROBE TX DATA OUT TX DATA OUT RX DATA OUT RX DATA OUT -12V or -15V EXT. THRESHOLD DATA SET INTERNAL DATA DATA EXT. THRESHOLD DATA +15V or +12V V+ V- THRESHOLD GND CASE GND BLOCK DIAGRAM (WITHOUT TRANSFORMER |