전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KSZ9567RTXI 데이터시트(PDF) 172 Page - Microchip Technology

부품명 KSZ9567RTXI
상세설명  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567RTXI 데이터시트(HTML) 172 Page - Microchip Technology

Back Button KSZ9567RTXI Datasheet HTML 168Page - Microchip Technology KSZ9567RTXI Datasheet HTML 169Page - Microchip Technology KSZ9567RTXI Datasheet HTML 170Page - Microchip Technology KSZ9567RTXI Datasheet HTML 171Page - Microchip Technology KSZ9567RTXI Datasheet HTML 172Page - Microchip Technology KSZ9567RTXI Datasheet HTML 173Page - Microchip Technology KSZ9567RTXI Datasheet HTML 174Page - Microchip Technology KSZ9567RTXI Datasheet HTML 175Page - Microchip Technology KSZ9567RTXI Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 232 page
background image
KSZ9567R
DS00002329D-page 172
 2017-2019 Microchip Technology Inc.
5.2.7.6
Port Priority to Queue Mapping Register
Address:
0xN808 - 0xN80B
Port N: 1-7
Size:
32 bits
Bits
Description
Type
Default
31:28
Regenerated priority (queue) value for priority 7.
The 2 most significant bits are reserved.
R/W
xx11b
27:24
Regenerated priority (queue) value for priority 6.
The 2 most significant bits are reserved.
R/W
xx11b
23:20
Regenerated priority (queue) value for priority 5.
The 2 most significant bits are reserved.
R/W
xx10b
19:16
Regenerated priority (queue) value for priority 4.
The 2 most significant bits are reserved.
R/W
xx10b
15:12
Regenerated priority (queue) value for priority 3.
The 2 most significant bits are reserved.
R/W
xx01b
11:8
Regenerated priority (queue) value for priority 2.
The 2 most significant bits are reserved.
R/W
xx01b
7:4
Regenerated priority (queue) value for priority 1.
The 2 most significant bits are reserved.
R/W
xx00b
3:0
Regenerated priority (queue) value for priority 0.
The 2 most significant bits are reserved.
R/W
xx00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More