전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP6486 데이터시트(PDF) 21 Page - Microchip Technology

부품명 MCP6486
상세설명  10 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6486 데이터시트(HTML) 21 Page - Microchip Technology

Back Button MCP6486 Datasheet HTML 17Page - Microchip Technology MCP6486 Datasheet HTML 18Page - Microchip Technology MCP6486 Datasheet HTML 19Page - Microchip Technology MCP6486 Datasheet HTML 20Page - Microchip Technology MCP6486 Datasheet HTML 21Page - Microchip Technology MCP6486 Datasheet HTML 22Page - Microchip Technology MCP6486 Datasheet HTML 23Page - Microchip Technology MCP6486 Datasheet HTML 24Page - Microchip Technology MCP6486 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006679A-page 21
MCP6486/6R/6U/7/9
Package Marking Information (Continued)
14-Lead TSSOP (MCP6489)
Example:
14-Lead SOIC (150 mil) (MCP6489)
Example:
XXXXXXX
YYWWNNN
XXXXXX
YYWW
NNN
6489ST
0432
256
XXXXXXX
MCP6489ESL
0432256
Example:
OR
OR
MCP6489
0746256
6489STE
0432
256
E/SL^^3
e
8-Lead MSOP
XXXXX
YWWNNN
Example:
6487E
432256
8-Lead SOIC (150 mil) (MCP6487)
XXXXXXXX
XXXXYYWW
NNN
MCP6487E
2023
256
SN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46