전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AB080809 데이터시트(PDF) 2 Page - FIBOX Enclosing innovations

부품명 AB080809
상세설명  Enclosure, ABS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FIBOX [FIBOX Enclosing innovations]
홈페이지  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

AB080809 데이터시트(HTML) 2 Page - FIBOX Enclosing innovations

  AB080809 Datasheet HTML 1Page - FIBOX Enclosing innovations AB080809 Datasheet HTML 2Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Gasket material :
Polyurethane
Temperatures :
Temperature °C (short term) :
-40 … 80
Temperature °C (continuous) :
-40 … 60
Temperature °F (short term) :
-40 … 175
Temperature °F (continuous) :
-40 … 140
Ingress protection (EN 60529):
IP66; IP67;
Impact Resistance (EN 62262):
IK07;
Electrical insulation :
Totally insulated
Halogen free (DIN/VDE 0472, Part 815):
1
UV resistance :
-
Flammability Rating :
UL 94 HB
Glow Wire Test (IEC 695-2-1) °C :
650 °C
NEMA Class
Certificates :
SGSFimko_EURONORD
© Fibox Oy, Data subject to change without notice (printed: 12.01.2023)



Html Pages

1 2