전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBT2907ADW 데이터시트(PDF) 2 Page - Weitron Technology

부품명 MBT2907ADW
상세설명  Dual General Purpose Transistor PNPPNP Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MBT2907ADW 데이터시트(HTML) 2 Page - Weitron Technology

  MBT2907ADW Datasheet HTML 1Page - Weitron Technology MBT2907ADW Datasheet HTML 2Page - Weitron Technology MBT2907ADW Datasheet HTML 3Page - Weitron Technology MBT2907ADW Datasheet HTML 4Page - Weitron Technology MBT2907ADW Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Min
Max
MBT2907ADW
Small-signal Characteristics
Current-Gain-Bandwidth Product
(IC= -50 mAdc,VCE= -20 Vdc, f=100MHz)
Output Capacitance
(VCB= -10 Vdc, IE=0, f=1.0MHz)
Input Capacitance
(VEB=-2.0 Vdc, IC=0, f=1.0MHz)
fT
Cobo
Cibo
200
-
-
-
8.0
MHz
pF
pF
30
Switching Characteristics
Turn-On Time
Delay Time
Rise Time
Turn-Off Time
(Vcc= -30 Vdc, Ic= -150 mAdc,
IB1= -15 mAdc)
t
t
t
t
-
-
-
-
45
10
40
100
ns
WEITRON
DC Current Gain
(IC= -100uAdc,VCE=-10Vdc)
(IC= -1.0 mAdc,VCE= -10Vdc)
(IC= -10 mAdc,VCE= -10Vdc)
(IC= -150 mAdc,VCE= -10Vdc)
(IC= -500 mAdc,VCE= -10Vdc)
Collector-Emitter Saturation Voltage
(IC= -150 mAdc, IB= -15mAdc)
(IC= -500 mAdc, IB= -50mAdc)
Base-Emitter Saturation Voltage
(IC= 150 mAdc, IB= 15 mAdc)
(IC= 500 mAdc, IB= 50 mAdc)
HFE
VCE(sat)
VBE(sat)
-
-
-
-
Vdc
Vdc
75
100
100
100
50
-
-
-
-
300
-
-0.4
-1.6
-1.3
-2.6
On Characteristics
http://www.weitron.com.tw
off
d
r
off



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com