| 전자부품 데이터시트 검색엔진 |
|
74F256 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74F256 데이터시트(HTML) 3 Page - NXP Semiconductors |
|
3 / 12 page ![]() Philips Semiconductors Product specification 74F256 Dual addressable latch 1988 Nov 29 3 LOGIC SYMBOL VCC = Pin 16 GND = Pin 8 E A0 A1 MR 14 1 2 15 SF00806 Q0a Q1a Q2a Q3a Q0b Q1b Q2b Q3b 45 6 7 9 10 11 12 313 Da Db IEC/IEEE SYMBOL Z5 3 13 15 5, 7D 1 G4 C7 4R SF00807 Z6 1 2 14 6, 8D 1 0 1 2 3 C8 4R 0 1 2 3 0 G 0 3 1 4 5 6 7 9 10 11 12 FUNCTION TABLE INPUTS OUTPUTS OPERATING MODE MR E D A0 A1 Q0 Q1 Q2 Q3 OPERATING MODE L H X X X L L L L Master Reset L L d L L Q=d L L L Demultiplex (active-High decoder when D=H) L L d H L L Q=d L L L L d L H L L Q=d L L L d H H L L L Q=d H H X X X q0 q1 q2 q3 Store (do nothing) H L d L L Q=d q1 q2 q3 H L d H L q0 Q=d q2 q3 Addressable Latch H L d L H q0 q1 Q=d q3 Addressable Latch H L d H H q0 q1 q2 Q=d H = High voltage level L = Low voltage level X = Don’t care d = High or Low data one setup time prior to the Low-to-High Enable transition q = Lower case letters indicate the state of the referenced output established during the last cycle in which it was addressed or cleared. |