| 전자부품 데이터시트 검색엔진 |
|
SP2525A-2EN/TR 데이터시트(PDF) 2 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP2525A-2EN/TR 데이터시트(HTML) 2 Page - Sipex Corporation |
|
2 / 9 page ![]() 2 Date: 5/3/06 Rev I SP2525A USB High-Side Power Switch © Copyright 2006 Sipex Corporation Supply Voltage( V IN) ..........................................7.0V Fault Flag Voltage ( V FLG) ..................................7.0V Fault Flag Current ( I FLG) ..................................50mA Enable Input ( V EN) ...............................-0.3V to 15V Unless otherwise noted, the following specifications apply for V IN = +5.0V, TA = 25 °C. Operating Temperature Range.............-40˚C to +85˚C Storage Temperature Range..............-65˚C to +150˚C These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS Power Dissipation Per Package 8-pin NSOIC (derate 6.14mW/OC above +70OC)..................500mW PARAMETER MIN. TYP. MAX. UNITS CONDITIONS Supply Current 0.75 75 5.0 100 µA V EN = Logic "0" OUT = Open V EN = Logic "1" OUT = Open Enable Input Voltage 2.4 1.7 2.0 0.8 V V EN = Logic "0" V EN = Logic "1" Enable Input Current 0.01 0.01 1 1 µA V EN = Logic "0" V EN = Logic "1" Enable Input Capacitance 1 pF Output Mosfet Resistance 70 100 mΩ Output Turn-On Delay 100 µsRL=10Ω each output Output Turn-On Rise Time 1000 4000 µsRL=10Ω each output Output Turn-Off Delay 0.8 20 µsRL=10Ω each output Output Turn-Off Fall Time 0.7 20 µsRL=10Ω each output Output Leakage Current 10 µA Current Limit Threshold 0.6 1.0 1.25 A Over-Temperature Shutdown Threshold 135 125 O C T J increasing T J decreasing Error Flag Output Resistance 10 15 25 40 Ω V IN = 5V,IL = 10mA V IN = 3.3V,I L = 10mA Error Flag Off Current 0.01 1 µAV FLAG = 5V UVLO Threshold 2.6 2.4 V V IN increasing V IN decreasing |