| 전자부품 데이터시트 검색엔진 |
|
74F367 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74F367 데이터시트(HTML) 5 Page - NXP Semiconductors |
|
5 / 10 page ![]() Philips Semiconductors Product specification 74F365, 74F366* 74F367, 74F368* Buffers/drivers 1999 Jan 08 5 * Discontinued part. Please see the Discontinued Products List. ABSOLUTE MAXIMUM RATINGS (Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL PARAMETER RATING UNIT VCC Supply voltage range –0.5 to +7.0 V VIN Input voltage range –0.5 to +7.0 V IIN Input current range –30 to +5 mA VOUT Voltage applied to output in High output state range –0.5 to 5.5 V IOUT Current applied to output in Low output state 128 mA Tamb Operating free-air temperature range 0 to +70 °C TSTG Storage temperature range –65 to +150 °C RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER LIMITS UNIT SYMBOL PARAMETER MIN TYP MAX VCC Supply voltage 4.5 5.0 5.5 V VIH High-level input voltage 2.0 V VIL Low-level input voltage 0.8 V IIK Input clamp current –18 mA IOH High-level output current –15 mA IOL Low-level output current 64 mA Tamb Operating free-air temperature range 0 70 oC |